Electronic Components Datasheet Search
  English  ▼

X  

TL431A Datasheet(PDF) 2 Page - Wing Shing Computer Components

Part # TL431A
Description  Adjustable Precision Shunt Regulator
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINGS [Wing Shing Computer Components]
Direct Link  http://www.wingshing.com/en
Logo WINGS - Wing Shing Computer Components

TL431A Datasheet(HTML) 2 Page - Wing Shing Computer Components

  TL431A Datasheet HTML 1Page - Wing Shing Computer Components TL431A Datasheet HTML 2Page - Wing Shing Computer Components TL431A Datasheet HTML 3Page - Wing Shing Computer Components TL431A Datasheet HTML 4Page - Wing Shing Computer Components TL431A Datasheet HTML 5Page - Wing Shing Computer Components TL431A Datasheet HTML 6Page - Wing Shing Computer Components TL431A Datasheet HTML 7Page - Wing Shing Computer Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
RECOMMENDED OPERATING CONDITIONS
Characteristic
Symbol
Test Condition
Min
Typ
Max
Unit
Cathode Voltage
VKA
REF
40
V
Cathode Current
IK
0.5
100
mA
ELECTRICAL CHARACTERISTICS
(Ta = 25
oC, V
KA = VREF, IK = 10mA unless otherwise specified)
Characteristic
Symbol
Test Condition
Min
Typ
Max
Unit
Reference Input Voltage
VREF
2.445
2.495
2.545
V
Deviation of Reference Input
Voltage Over Full Temperature
Range
VREF(dev)
Tmin
≤ Ta ≤ Tmax
3
17
mV
Ratio of Change in Reference Input
Voltage to the Change in Cathode
Voltage
∆
∆
V
V
REF
KA
∆VKA = 10V-VREF
∆VKA = 36V- 10V
-1.4
-1.0
-2.7
-2.0
mV/V
Reference Input Current
IREF
R1 = 10K
Ω, R2 = ∞
1.8
4
µA
Deviation of Reference Input
Current Over Full Temperature
Range
IREF(dev)
R1 = 10K
Ω, R2 = ∞
0.4
1.2
µA
Minimum Cathode Current for
Regulation
IK(min)
0.25
0.5
mA
Off-State Cathode Current
IK(off)
VKA = 40V, VREF = 0
0.26
0.9
µA
Dynamic Impedance
ZKA
IK = 10mA to 100 mA , f
≤ 1.0KHz
0.22
0.5
Ω
TEST CIRCUITS
Fig.1. Test Circuit for VKA = VREF
Fig.2. Test Circuit for VKA
≥≥≥≥ VREF
Fig.3. Test Circuit for Ioff
IN P U T
V RE F
IK
BT 432
V KA
10n F
IN P U T
V RE F
IK
IRE F
B T 432
V KA
R1
IRE F
V RE F
V
=
KA
R1
(1+ R 1/R 2)+
R2
10n F
IK(O FF )
BT 432
IN P U T
V KA
TL431A
Adjustable Precision Shunt Regulator
2
Vka=Vref, Ik=10mA
V



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com