Electronic Components Datasheet Search
  English  ▼

X  

TL431A Datasheet(PDF) 3 Page - Wing Shing Computer Components

Part # TL431A
Description  Adjustable Precision Shunt Regulator
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINGS [Wing Shing Computer Components]
Direct Link  http://www.wingshing.com/en
Logo WINGS - Wing Shing Computer Components

TL431A Datasheet(HTML) 3 Page - Wing Shing Computer Components

  TL431A Datasheet HTML 1Page - Wing Shing Computer Components TL431A Datasheet HTML 2Page - Wing Shing Computer Components TL431A Datasheet HTML 3Page - Wing Shing Computer Components TL431A Datasheet HTML 4Page - Wing Shing Computer Components TL431A Datasheet HTML 5Page - Wing Shing Computer Components TL431A Datasheet HTML 6Page - Wing Shing Computer Components TL431A Datasheet HTML 7Page - Wing Shing Computer Components  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
PAD LAYOUT
Y
0,0
X
Chip si z e :0,81 mm x 0,76 mm
Pad siz e : 94 x 94
Unit
:
µµµµm
PAD LOCATION
Unit:
µm
Pad No.
Pad Name
Description
X
Y
1
R
Reference
-314
-299
2
A
Anode
-75
-275
3
K
Cathode
231
-299
PHYSICAL CHARACTERISTIC
Wafes dia
100 mm (4")
Wafes width
350
±20µm
Scribe width
90
µm
Passivation
PSG
1
2
3
Ordering Information
Grade
Accuracy
Marking
Min.
Typ.
Max.
AA
0.5% of Typ.
TL431AA
2.488V
2.495V
2.513V
A
1 % of Typ.
TL431A
2.475V
2.495V
2.525V
B
2 % of Typ.
TL431
2.445V
2.495V
2.545V
TL431A
Adjustable Precision Shunt Regulator
3
Notice: Please don't confuse the version of product (-A,-B,-I Suffix) with Grade of
product (AA, A).



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com