Electronic Components Datasheet Search
  English  ▼

X  

LT1490ACMS8 Datasheet(PDF) 10 Page - Linear Technology

Part # LT1490ACMS8
Description  Dual/Quad Over-The-Top Micropower Rail-to-Rail Input and Output Op Amps
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1490ACMS8 Datasheet(HTML) 10 Page - Linear Technology

Back Button LT1490ACMS8 Datasheet HTML 6Page - Linear Technology LT1490ACMS8 Datasheet HTML 7Page - Linear Technology LT1490ACMS8 Datasheet HTML 8Page - Linear Technology LT1490ACMS8 Datasheet HTML 9Page - Linear Technology LT1490ACMS8 Datasheet HTML 10Page - Linear Technology LT1490ACMS8 Datasheet HTML 11Page - Linear Technology LT1490ACMS8 Datasheet HTML 12Page - Linear Technology LT1490ACMS8 Datasheet HTML 13Page - Linear Technology LT1490ACMS8 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
10
LT1490A/LT1491A
sn1490, 14901afbs
Supply Voltage
The positive supply pin of the LT1490A/LT1491A should
be bypassed with a small capacitor (about 0.01
µF) within
an inch of the pin. When driving heavy loads an additional
4.7
µF electrolytic capacitor should be used. When using
split supplies, the same is true for the negative supply pin.
The LT1490A/LT1491A are protected against reverse bat-
tery voltages up to 18V. In the event a reverse battery
condition occurs, the supply current is less than 1nA.
The LT1490A/LT1491A can be shut down by removing V+.
In this condition the input bias current is typically less than
0.5nA, even if the inputs are 44V above the negative
supply.
When operating the LT1490A/LT1491A on total supplies
of 20V or more, the supply must not rise to its final voltage
in less than 1
µs. This is especially true if low ESR bypass
capacitors are used. A series RLC circuit is formed from
the supply lead inductance and the bypass capacitor. A
resistance of 7.5
Ω in the supply or in the bypass capacitor
will dampen the tuned circuit enough to limit the rise time.
Inputs
The LT1490A/LT1491A have two input stages, NPN and
PNP (see the Simplified Schematic), resulting in three
distinct operating regions as shown in the Input Bias
Current vs Common Mode typical performance curve.
For input voltages about 0.8V or more below V +, the PNP
input stage is active and the input bias current is typically
– 1nA. When the input voltage is about 0.5V or less from
V+, the NPN input stage is operating and the input bias
current is typically 25nA. Increases in temperature will
cause the voltage at which operation switches from the
PNP stage to the NPN stage to move towards V+. The input
offset voltage of the NPN stage is untrimmed and is
typically 600
µV.
A Schottky diode in the collector of each NPN transistor of
the NPN input stage allows the LT1490A/LT1491A to op-
erate with either or both of their inputs above V+. At about
0.3V above V+ the NPN input transistor is fully saturated
and the input bias current is typically 3
µA at room tem-
perature. The input offset voltage is typically 700
µV when
operating above V+. The LT1490A/LT1491A will operate
with their inputs 44V above V – regardless of V+.
The inputs are protected against excursions as much as
15V below V – by an internal 1k resistor in series with
each input and a diode from the input to the negative
supply. There is no output phase reversal for inputs up to
15V below V –. There are no clamping diodes between the
inputs and the maximum differential input voltage is 44V.
Output
The output voltage swing of the LT1490A/LT1491A is
affected by input overdrive as shown in the typical perfor-
mance curves.
The output of the LT1490A/LT1491A can be pulled up to
18V beyond V+ with less than 1nA of leakage current,
provided that V+ is less than 0.5V.
The normally reverse-biased substrate diode from the
output to V – will cause unlimited currents to flow when the
output is forced below V –. If the current is transient and
limited to 100mA, no damage will occur.
The LT1490A/LT1491A are internally compensated to
drive at least 200pF of capacitance under any output
loading conditions. A 0.22
µF capacitor in series with a
150
Ω resistor between the output and ground will com-
pensate these amplifiers for larger capacitive loads, up to
10,000pF, at all output currents.
Distortion
There are two main contributors of distortion in op amps:
output crossover distortion as the output transitions
from sourcing to sinking current and distortion caused
by nonlinear common mode rejection. Of course, if the op
amp is operating inverting there is no common mode
induced distortion. When the LT1490A/LT1491A switch
between input stages there is significant nonlinearity in
the CMRR. Lower load resistance increases the output
crossover distortion, but has no effect on the input stage
transition distortion. For lowest distortion the LT1490A/
LT1491A should be operated single supply, with the
output always sourcing current and with the input volt-
age swing between ground and (V+ – 0.8V). See the
Typical Performance Characteristics curves.
APPLICATIO S I FOR ATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com