Electronic Components Datasheet Search
  English  ▼

X  

LT1490ACMS8 Datasheet(PDF) 16 Page - Linear Technology

Part # LT1490ACMS8
Description  Dual/Quad Over-The-Top Micropower Rail-to-Rail Input and Output Op Amps
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1490ACMS8 Datasheet(HTML) 16 Page - Linear Technology

Back Button LT1490ACMS8 Datasheet HTML 8Page - Linear Technology LT1490ACMS8 Datasheet HTML 9Page - Linear Technology LT1490ACMS8 Datasheet HTML 10Page - Linear Technology LT1490ACMS8 Datasheet HTML 11Page - Linear Technology LT1490ACMS8 Datasheet HTML 12Page - Linear Technology LT1490ACMS8 Datasheet HTML 13Page - Linear Technology LT1490ACMS8 Datasheet HTML 14Page - Linear Technology LT1490ACMS8 Datasheet HTML 15Page - Linear Technology LT1490ACMS8 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
16
LT1490A/LT1491A
sn1490, 14901afbs
LT/TP 0105 REV B • PRINTED IN USA
©LINEAR TECHNOLOGY CORPORATION 2000
Ring-Tone Generator
RELATED PARTS
–
+
–
+
–
+
–
+
1490A TA03
R6
10k
R2
47k
R7
16k
R8
620k
R4
1.6M
R1
33k
R3
10k
R5
100k
R10
620k
C4
0.068
µF
9
10
6
7
8
1
5
C3
0.047
µF
C5
0.01
µF
R13
130k
R12
10k
R15
47k
R14
10k
R24
420
C7
47
µF
LOAD
UP TO
TEN
PHONES
R23
4.7k
R26
2k
Q5
2N3904
Q4
2N3906
Q2
IRF9620
–180V
POWER AMPLIFIER
SMOOTHING FILTER
20Hz OSCILLATOR
CADENCE OSCILLATOR
*LED OF OPTO1 ILLUMINATES WHEN THE PHONE IS OFF THE HOOK
SEE DESIGN NOTE DN134 FOR A DISCUSSION OF THE CIRCUIT
R18
100
Ω
R17
620
Ω
R16
100k
Z1
15V
100k
R25
4.7k
C6
0.033
µF
R21
150
Ω
R19
620
Ω
Z2
15V
R9
300k
R11
10k
D1
1N4148
C2
0.47
µF
C1
1
µF
2
3
1/4 LT1491A
1/4 LT1491A
12
4
11
13
Q1
IRF628
Q3
2N3904
60V
14
1/4 LT1491A
OPTO1*
R20
100k
1/4 LT1491A
PART NUMBER
DESCRIPTION
COMMENTS
LT1366/LT1367
Dual/Quad Precision, Rail-to-Rail Input and Output Op Amps
475
µV VOS(MAX), 500V/mV AVOL(MIN), 400kHz GBW
LT1636
Single Over-The-Top Micropower Rail-to-Rail Input and Output
55
µA Supply Current, VCM Extends 44V above VEE,
Op Amp
Independent of VCC, MSOP Package, Shutdown Function
LT1638/LT1639
Dual/Quad 1.2MHz Over-The-Top Micropower, Rail-to-Rail
0.4V/
µs Slew Rate, 230µA Supply Current per Amplifier
Input and Output Op Amps
LT1782
Micropower, Over-The-Top, SOT-23, Rail-to-Rail
SOT-23, 800
µV VOS(MAX), IS =55µA (Max),
Input and Output Op Amp
Gain-Bandwidth = 200kHz, Shutdown Pin
LT1783
1.2MHz, Over-The-Top, Micropower, Rail-to-Rail
SOT-23, 800
µV VOS(MAX), IS =300µA (Max),
Input and Output Op Amp
Gain-Bandwidth = 1.2MHz, Shutdown Pin
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com
TYPICAL APPLICATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com