Electronic Components Datasheet Search
  English  ▼

X  

AW3200 Datasheet(PDF) 19 Page - Seoul Semiconductor

Part # AW3200
Description  compliantFeaturesApplications?ъ쭊Acriche series
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

AW3200 Datasheet(HTML) 19 Page - Seoul Semiconductor

Back Button AW3200 Datasheet HTML 14Page - Seoul Semiconductor AW3200 Datasheet HTML 15Page - Seoul Semiconductor AW3200 Datasheet HTML 16Page - Seoul Semiconductor AW3200 Datasheet HTML 17Page - Seoul Semiconductor AW3200 Datasheet HTML 18Page - Seoul Semiconductor AW3200 Datasheet HTML 19Page - Seoul Semiconductor AW3200 Datasheet HTML 20Page - Seoul Semiconductor AW3200 Datasheet HTML 21Page - Seoul Semiconductor AW3200 Datasheet HTML 22Page - Seoul Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 19 / 22 page
background image
Rev. 03
Rev. 03
May 2008
May 2008
www.ZLED.com
www.ZLED.com
19
Solder profile
1. Reflow solder conditions / profile
Pre-heating
200
180
150
0
220
240
260
Rising
5 °C/sec
Tm : Reflow machine setting temp (max 30 sec.)
Ts : Surface temp of PCB (min)
Ts : Surface temp of PCB (max)
Ts : Surface temp of PCB (recommend)
Cooling
-5 °C/sec
Time
[Hr]
2. Hand Solder conditions
2-1 Lead : Not more than 3 seconds @MAX280℃
2-2 Slug : Use a thermal-adhesives
* Caution
[1] Reflow soldering should not be done more than one time.
[2] Repairing should not be done after the LEDs have been soldered. When
repairing is unavoidable, suitable tools have to be used.
[3] Die slug is to be soldered.
[4] When soldering, do not put stress on the LEDs during heating.
[5] After soldering, do not warp the circuit board.
[6] Recommend to use a convection type reflow machine with 7 ~ 8 zones.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com