Electronic Components Datasheet Search
  English  ▼

X  

AW3200 Datasheet(PDF) 2 Page - Seoul Semiconductor

Part # AW3200
Description  compliantFeaturesApplications?ъ쭊Acriche series
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

AW3200 Datasheet(HTML) 2 Page - Seoul Semiconductor

  AW3200 Datasheet HTML 1Page - Seoul Semiconductor AW3200 Datasheet HTML 2Page - Seoul Semiconductor AW3200 Datasheet HTML 3Page - Seoul Semiconductor AW3200 Datasheet HTML 4Page - Seoul Semiconductor AW3200 Datasheet HTML 5Page - Seoul Semiconductor AW3200 Datasheet HTML 6Page - Seoul Semiconductor AW3200 Datasheet HTML 7Page - Seoul Semiconductor AW3200 Datasheet HTML 8Page - Seoul Semiconductor AW3200 Datasheet HTML 9Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
Rev. 03
Rev. 03
May 2008
May 2008
www.ZLED.com
www.ZLED.com
2
Part number of AX32X0
1. Part Number form : A X1 X2 X3 X4 X5
Warm White
N
Pure White
W
Color
X1
-
2
A3
3
-
1
Acriche Series
X2
Dome Type
2
LENS Type
X3
_
1
100 / 110
0
-
3
220 / 230
2
Operating Voltage [V]
X4
-
1
Emitter
0
PCB Type
X5
2. Part Number of AX32X0
220V/230V [RMS]
100V/110V [RMS]
Operating voltage
20mA [RMS]
AW3220 / AN3220
40mA [RMS]
AW3200 / AN3200
Operating current
Part number



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com