Electronic Components Datasheet Search
  English  ▼

X  

F50360 Datasheet(PDF) 2 Page - Seoul Semiconductor

Part # F50360
Description  Full color Z-Power LED
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

F50360 Datasheet(HTML) 2 Page - Seoul Semiconductor

  F50360 Datasheet HTML 1Page - Seoul Semiconductor F50360 Datasheet HTML 2Page - Seoul Semiconductor F50360 Datasheet HTML 3Page - Seoul Semiconductor F50360 Datasheet HTML 4Page - Seoul Semiconductor F50360 Datasheet HTML 5Page - Seoul Semiconductor F50360 Datasheet HTML 6Page - Seoul Semiconductor F50360 Datasheet HTML 7Page - Seoul Semiconductor F50360 Datasheet HTML 8Page - Seoul Semiconductor F50360 Datasheet HTML 9Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
Rev. 01
Rev. 01
May 2008
May 2008
www.ZLED.com
www.ZLED.com
Document No. : SSC-QP-7-07-24 (Rev.00)
Full Code of Z-Power LED Series
Full code form : X1 X2 X3 X4 X5 X6 –X7 X8 –X9 X10 X11 X12 X13
1. Part Number
-X1 : Color
-X2 : Z-Power LED series number
-X3 : LENS type
-X4 : Chip quantity (or Power Dissipation)
-X5 : Package outline size
-X6 : Type of PCB
2. Internal Number
-X7
-X8
3. Code Labeling
-X9 : Luminous flux (or Radiant flux for royal blue)
-X10 X11 X12 : Dominant wavelength (or x,y coordinates rank code)
-X13 : Forward voltage
4. Sticker Diagram on Reel & Aluminum Vinyl Bag
For more information about binning and labeling, refer to the Application Note -1
PART NO. :
QUANTITY : ###
LOT NUMBER : ##########
BIN CODE :
X
1 X2 X3 X4 X5 X6 –X7 X8
X
9 X10 X11 X12 X13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com