Electronic Components Datasheet Search
  English  ▼

X  

F50360 Datasheet(PDF) 4 Page - Seoul Semiconductor

Part # F50360
Description  Full color Z-Power LED
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

F50360 Datasheet(HTML) 4 Page - Seoul Semiconductor

  F50360 Datasheet HTML 1Page - Seoul Semiconductor F50360 Datasheet HTML 2Page - Seoul Semiconductor F50360 Datasheet HTML 3Page - Seoul Semiconductor F50360 Datasheet HTML 4Page - Seoul Semiconductor F50360 Datasheet HTML 5Page - Seoul Semiconductor F50360 Datasheet HTML 6Page - Seoul Semiconductor F50360 Datasheet HTML 7Page - Seoul Semiconductor F50360 Datasheet HTML 8Page - Seoul Semiconductor F50360 Datasheet HTML 9Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
Rev. 01
Rev. 01
May 2008
May 2008
www.ZLED.com
www.ZLED.com
Document No. : SSC-QP-7-07-24 (Rev.00)
1. Electro-Optical characteristics at (Red, Green, and Blue All Color in use)
1-1 Electro-Optical characteristics at TA=25ºC
Characteristics for Z-Power LED
deg.
120
2Θ 1/2
View Angle [5]
ºC /W
R: 25, G: 25, B: 22
@ White Balance [3]
RθJ-C
Thermal Resistance [6]
mA
R,G,B:350
IF
Forward Current
V
R:3
G:4.2
B:4.1
R: 2.6
G: 3.8
B:3.6
-
VF
Forward Voltage [4]
Max
Typ
Min
-
105
(78) [3]
lm
-
ФV [2]
Luminous Flux [1]
Unit
Value
Symbol
Parameter
1-2 Absolute Maximum Ratings
400
400
400
125
1.2
Red
Value
145
1.68
700 (@1KHz, 1/10duty)
Green
mA
IF
Forward Current
W
1.64
Pd
Power Dissipation
ºC
145
Tj
Junction Temperature
-
±
10,000V HBM
-
ESD Sensitivity [7]
ºC
-40 ~ +100
Tstg
Storage Temperature
ºC
-30 ~ +85
Topr
Operating Temperature
Unit
Blue
Symbol
Parameter
*Notes :
[1] SSC maintains a tolerance of
±10% on flux and power measurements.
[2] ФV is the total luminous flux output as measured with an integrated sphere under 350 mA
red, green and blue.
[3] Reference white balance current condition (IF=R:220, G:350, B:100 mA) RGB total power
consumption is about 2W.
Driving 350mA respectively, the RGB total power consumption is about 3.2W.
[4] A tolerance of ± 0.1V on forward voltage measurements
[5] Viewing angle is the reference condition.
[6] RθJ-C is measured with only emitter .(25 ºC ≤Tj ≤ 110 ºC)
[7] It is included the zener chip to protect the product from ESD.
--------------------------Caution--------------------------
1. Please do not drive at rated current more than 5 sec. without proper heat sink



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com