Electronic Components Datasheet Search
  English  ▼

X  

F71806F Datasheet(PDF) 79 Page - Feature Integration Technology Inc.

Part # F71806F
Description  Super H/W Monitor LPC IO
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINTEK [Feature Integration Technology Inc.]
Direct Link  http://www.fintek.com.tw/eng
Logo FINTEK - Feature Integration Technology Inc.

F71806F Datasheet(HTML) 79 Page - Feature Integration Technology Inc.

Back Button F71806F Datasheet HTML 75Page - Feature Integration Technology Inc. F71806F Datasheet HTML 76Page - Feature Integration Technology Inc. F71806F Datasheet HTML 77Page - Feature Integration Technology Inc. F71806F Datasheet HTML 78Page - Feature Integration Technology Inc. F71806F Datasheet HTML 79Page - Feature Integration Technology Inc. F71806F Datasheet HTML 80Page - Feature Integration Technology Inc. F71806F Datasheet HTML 81Page - Feature Integration Technology Inc. F71806F Datasheet HTML 82Page - Feature Integration Technology Inc. F71806F Datasheet HTML 83Page - Feature Integration Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 109 page
background image
July, 2007
V0.26P
77
F71806
7.6.3.35 FAN1 PWM_DUTY -- Index 6Bh
Bit
Name
R/W Default
Description
7-0 PWM_DUTY1
R/W
FFh
When FAN1 control is at PWM Duty-cycle mode, this value represents the
duty-cycle.
When FAN1 control is at DC mode, this value represents the DC voltage
output. Each step (LSB) is VCC / 256.
This register is programmable at Manual mode.
At SPEED or TEMPERATURE mode, this register reflects current
FANPWM1 duty-cycle.
7.6.3.36 FAN2 OPERATING Control Register -- Index 70h
Bit
Name
R/W Default
Description
7
FAN2_SKIP
R
-
When this bit is set to 1, FAN2 is not monitored.
When this bit is set to 0, FAN2 is monitored.
6
Reserved
-
-
Reserved.
5
FAN2_FORCE_MONI
TOR
R/W
0
Set to 1, FAN2 speed is monitored every monitor cycle even the fan is
stopped. Set to 0, FAN2 speed will not be monitored at the next monitor cycle if
the fan is stopped.
4
FAN2_DC_MODE
R/W
0
Set to 1, FAN2 control is set to DC mode.
Set to 0, FAN2 control is set to PWM duty-cycle mode.
3
F2_LATCH_FULL
R/W
0
Set to 1, current FAN2 COUNT will be bypass to F2_FULL_SPEED.
2
F2_KEEP_STOP
R/W
0
Set to 1, keep FANPWM2 duty-cycle decrease to STOP DUTY and hold.
1-0 F2_MODE
R/W
00
00:
FAN2 operates in SPEED mode. FANPWM duty-cycle is automatically
adjusted according to FAN EXPECT register.
01:
FAN2 operates in TEMPERATURE mode. FANPWM duty-cycle is
automatically adjusted according to current temperature,
1x:
FAN2 operates in MANUAL mode. Software set the FANPWM duty-cycle
directly.
7.6.3.37 FANPWM2 START UP DUTY-CYCLE
 Index 71h
Bit
Name
R/W Default
Description
7-0 F2_START_DUTY
R/W
30h
FANPWM2 will increase duty-cycle from 0 to this value directly.
7.6.3.38 FANPWM2 STOP DUTY-CYCLE
 Index 72h
Bit
Name
R/W Default
Description
7-0 F2_STOP_DUTY
R/W
25h
FANPWM2 will decreasing duty-cycle to 0 from this value directly or keep
duty-cycle in this value when F2_KEEP_STOP set to 1.
7.6.3.39 FANPWM2 Output Frequency Control
 Index 73h
Bit
Name
R/W Default
Description
7
PWM2_DIV[7]
R/W
Set to 1, PRECLK(Pre-Clock) = 48M Hz ;
Set to 0, PRECLK
= 1M Hz .
6-0 PWM2_DIV[6:0]
R/W
80h
Pre-divisor of PRECLK.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com