Electronic Components Datasheet Search
  English  ▼

X  

F71806F Datasheet(PDF) 39 Page - Feature Integration Technology Inc.

Part # F71806F
Description  Super H/W Monitor LPC IO
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINTEK [Feature Integration Technology Inc.]
Direct Link  http://www.fintek.com.tw/eng
Logo FINTEK - Feature Integration Technology Inc.

F71806F Datasheet(HTML) 39 Page - Feature Integration Technology Inc.

Back Button F71806F Datasheet HTML 35Page - Feature Integration Technology Inc. F71806F Datasheet HTML 36Page - Feature Integration Technology Inc. F71806F Datasheet HTML 37Page - Feature Integration Technology Inc. F71806F Datasheet HTML 38Page - Feature Integration Technology Inc. F71806F Datasheet HTML 39Page - Feature Integration Technology Inc. F71806F Datasheet HTML 40Page - Feature Integration Technology Inc. F71806F Datasheet HTML 41Page - Feature Integration Technology Inc. F71806F Datasheet HTML 42Page - Feature Integration Technology Inc. F71806F Datasheet HTML 43Page - Feature Integration Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 109 page
background image
July, 2007
V0.26P
37
F71806
7.2.3.6
Tape Drive Register
 Base + 3
Bit
Name
R/W Default
Description
7-6 Reserved
R
00
Reserved. Return 00b when read.
5-4 TYPEID
R
11
Reserved in normal function, return 11b when read.
If 3 mode FDD function is enabled. These bits indicate the drive type ID.
3-2 Reserved
R
11
Reserved. Return 11b when read in normal function.
Return 00b when read in 3 mode FDD function.
1-0 TAPESEL
R/W
0
These bits assign a logical drive number to be a tape drive.
7.2.3.7
Main Status Register
 Base + 4
Bit
Name
R/W Default
Description
7
RQM
R
0
Request for Master indicates that the controller is ready to send or receive data
from the uP through the FIFO.
6
DIO
R
0
Data I/O (direction):
0: the controller is expecting a byte to be written to the Data Register.
1: the controller is expecting a byte to be read from the Data Register.
5
NON_DMA
R
0
Non DMA Mode:
0: the controller is in DAM mode.
1: the controller is interrupt or software polling mode.
4
FDC_BUSY
R
0
This bit indicate that a read or write command is in process.
3
DRV3_BUSY
R
0
FDD number 3 is in seek or calibration condition. FDD number 3 is not support
in this design.
2
DRV2_BUSY
R
0
FDD number 2 is in seek or calibration condition. FDD number 2 is not support
in this design.
1
DRV1_BUSY
R
0
FDD number 1 is in seek or calibration condition. FDD number 1 is not support
in this design.
0
DRV0_BUSY
R
0
FDD number 0 is in seek or calibration condition.
7.2.3.8
Data Rate Select Register
 Base + 4
Bit
Name
R/W Default
Description
7
SOFTRST
W
0
A 1 written to this bit will software reset the controller. Auto clear after reset.
6
PWRDOWN
W
0
A 1 to this bit will put the controller into low power mode which will turn off the
oscillator and data separator circuits.
5
Reserved
-
-
Return 0 when read.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com