Electronic Components Datasheet Search
  English  ▼

X  

F71806FG Datasheet(PDF) 9 Page - Feature Integration Technology Inc.

Part # F71806FG
Description  Super H/W Monitor LPC IO
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINTEK [Feature Integration Technology Inc.]
Direct Link  http://www.fintek.com.tw/eng
Logo FINTEK - Feature Integration Technology Inc.

F71806FG Datasheet(HTML) 9 Page - Feature Integration Technology Inc.

Back Button F71806FG Datasheet HTML 5Page - Feature Integration Technology Inc. F71806FG Datasheet HTML 6Page - Feature Integration Technology Inc. F71806FG Datasheet HTML 7Page - Feature Integration Technology Inc. F71806FG Datasheet HTML 8Page - Feature Integration Technology Inc. F71806FG Datasheet HTML 9Page - Feature Integration Technology Inc. F71806FG Datasheet HTML 10Page - Feature Integration Technology Inc. F71806FG Datasheet HTML 11Page - Feature Integration Technology Inc. F71806FG Datasheet HTML 12Page - Feature Integration Technology Inc. F71806FG Datasheet HTML 13Page - Feature Integration Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 109 page
background image
July, 2007
V0.26P
7
F71806
5 Pin Descriptions
I/O12t
- TTL level bi-directional pin with 12 mA source-sink cap ability.
I/OOD12t
I/OOD16t
- TTL level bi-directional pin, can select to OD or OUT by register, with 12 mA source-sink
capability.
- TTL level bi-directional pin, can select to OD or OUT by register, with 16 mA source-sink
capability.
I/OD12t
I/OD12ts5V
I/O12ts5V
I/OD16t,5V
I/O8t-u47,5V
- TTL level bi-directional pin, Open-drain outpu with 12 mA sink capability.
- TTL level bi-directional pin and schmitt trigger, Open-drain output with 12 mA sink capability,
5V tolerance.
- TTL level bi-directional pin and schmitt trigger with 12 mA sink capability, 5V tolerance.
- TTL level bi-directional pin, Open-drain outpu with 16 mA sink capability, 5V tolerance.
- TTL level bi-directional pin with 8 mA sink capability, pull-up 47k ohms, 5V tolerance.
O12
- Output pin with 12 mA source-sink capability.
AOUT
- Output pin(Analog).
OD12
OD16-u10,5V
OD24
- Open-drain output pin with 12 mA sink capability.
- Open-drain output pin with 16 mA sink capability, pull-up 10k ohms, 5V tolerance.
- Open-drain output pin with 24 mA sink capability.
INt5V
INts
- TTL level input pin,5V tolerance.
- TTL level input pin and schmitt trigger.
INts5V
- TTL level input pin and schmitt trigger, 5V tolerance.
AIN
- Input pin(Analog).
P
- Power.
5.1 Power Pin
Pin No.
Pin Name
Type
Description
4,35,99
VCC
P
Power supply voltage input with 3.3V
67
VSB
P
Stand-by power supply voltage input 3.3V
69
VBAT
P
Battery voltage input
86
AGND(D-)
P
Analog GND
15,50,74, 117
GND
P
Digital GND
5.2 LPC Interface
Pin No.
Pin Name
Type
PWR
Description
37
LRESET#
INts
VCC
Reset signal. It can connect to PCIRST# signal on the host.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com