Electronic Components Datasheet Search
  English  ▼

X  

F71806FG Datasheet(PDF) 2 Page - Feature Integration Technology Inc.

Part # F71806FG
Description  Super H/W Monitor LPC IO
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINTEK [Feature Integration Technology Inc.]
Direct Link  http://www.fintek.com.tw/eng
Logo FINTEK - Feature Integration Technology Inc.

F71806FG Datasheet(HTML) 2 Page - Feature Integration Technology Inc.

  F71806FG Datasheet HTML 1Page - Feature Integration Technology Inc. F71806FG Datasheet HTML 2Page - Feature Integration Technology Inc. F71806FG Datasheet HTML 3Page - Feature Integration Technology Inc. F71806FG Datasheet HTML 4Page - Feature Integration Technology Inc. F71806FG Datasheet HTML 5Page - Feature Integration Technology Inc. F71806FG Datasheet HTML 6Page - Feature Integration Technology Inc. F71806FG Datasheet HTML 7Page - Feature Integration Technology Inc. F71806FG Datasheet HTML 8Page - Feature Integration Technology Inc. F71806FG Datasheet HTML 9Page - Feature Integration Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 109 page
background image
F71806
July, 2007
V0.26P
F71806
F71806 Datasheet Revision History
Version
Date
Page
Revision History
0.10P
10/04/2004
-
Preliminary Release Version.
0.20P
10/27/2004
-
Added Application Circuit.
0.21P
04/15/2005
-
Added ”Green Package” Ordering Information
0.22P
11/01/2005
-
Added 24MHz Clock Input.
-
Updated Application Circuit.
-
After V0.22P Datasheet is for B Version Chip Use and Downward
Compatible.
0.23P
11/20/2005
-
Added OVT# Signal Output in Pin 55.
-
Modified Pin 77 OVT# Function to Be the Default Function.
0.24P
12/08/2005
-
Modified Datasheet Revision History Description of Version
0.22P/0.23P. (For LBB version use after V0.22P)
0.25P
12/28/2006
Added Patent Note
0.26P
07/05/2007
-
Company readdress
Please note that all data and specifications are subject to change without notice. All the trade marks of products and
companies mentioned in this data sheet belong to their respective owners.
LIFE SUPPORT APPLICATIONS
These products are not designed for use in life support appliances, devices, or systems where malfunction of these
products can reasonably be expected to result in personal injury. Customers using or selling these products for use
in such applications do so at their own risk and agree to fully indemnify Fintek for any damages resulting from such
improper use or sales.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com