Electronic Components Datasheet Search
  English  ▼

X  

F75133 Datasheet(PDF) 16 Page - Feature Integration Technology Inc.

Part # F75133
Description  LOADING GAUGE IC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINTEK [Feature Integration Technology Inc.]
Direct Link  http://www.fintek.com.tw/eng
Logo FINTEK - Feature Integration Technology Inc.

F75133 Datasheet(HTML) 16 Page - Feature Integration Technology Inc.

Back Button F75133 Datasheet HTML 12Page - Feature Integration Technology Inc. F75133 Datasheet HTML 13Page - Feature Integration Technology Inc. F75133 Datasheet HTML 14Page - Feature Integration Technology Inc. F75133 Datasheet HTML 15Page - Feature Integration Technology Inc. F75133 Datasheet HTML 16Page - Feature Integration Technology Inc. F75133 Datasheet HTML 17Page - Feature Integration Technology Inc. F75133 Datasheet HTML 18Page - Feature Integration Technology Inc. F75133 Datasheet HTML 19Page - Feature Integration Technology Inc. F75133 Datasheet HTML 20Page - Feature Integration Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
2007
V0.28P
-13-
F75133
7-0 LIMIT2_VAL[11:4]
R/W
3Ch
Duty cycle count LIMIT2, if average duty count over this value and
TURBO_SEL is 1, then it will assert TURBO# pin.
8.6 LIMIT1 Value Register (MSB)
 Index 05h
Bit
Name
R/W Default
Description
7-0 LIMIT1_VAL[11:4]
R/W
0Fh
Duty cycle count LIMIT1, if average duty count under this value and
TURBO_SEL is 0, then it will assert TURBO# pin.
8.7 Event Status Register
 Index 06h
Bit
Name
R/W Default
Description
7-4 DUTY_SEL
R/W
4’h4
When CR00H bit4 set to 0, the pin TURBO# will output 100Hz clock, and users
can use these registers to program the output duty cycle, (default is 50%)
For example:
0: 10% duty cycle.
1: 20% duty cycle.
2: 30% duty cycle.
………………..
8: 90% duty cycle.
9: 100% duty cycle. (always high)
10~15: reserved.
3
PME_STS
R/W
0
When Duty cycle value (PWM_DUTY) over (under) or return to normal value, it
will trigger PME# and set this bit to 1. Users need write 1 to clear it, else
PME# will not be asserted again.
2
OVER_UNDER_FAU
LT
R
0
1.
PWM duty cycle value (PWM_DUTY) over LIMIT3 count (CR03, CR0A)
and DIS_LIMIT3 set to 0(CR0D), this bit will set to 1, else will auto return
to 0.
2.
PWM duty cycle value (PWM_DUTY) under LIMIT0 count (CR09, CR0A)
and DIS_LIMIT0 set to 0(CR0D), this bit will set to 1, else will auto return
to 0
1
OVER_HIGH
R
0
PWM duty cycle value (PWM_DUTY) over LIMIT2 count (CR04, CR0B), this
bit will set to 1, else will auto return to 0.
0
UNDER_LOW
R
0
PWM duty cycle value (PWM_DUTY) under LIMIT1 count (CR05, CR0B), this
bit will set to 1, else will auto return to 0.
8.8 I2C_ADDRESS Register
 Index 07h
Bit
Name
R/W Default
Description
7-0
I2C_ADDR
R/W
X
Pull-down 4.7K: default I2C ID is 66h. In this strapping value the PWM input
will be inverted.
Pull-up 100K: default I2C ID is 68h.
Pull-down 100k: default I2C ID is 6Ah. In this strapping value the PWM input
will be inverted.
Pull-up 4.7k: default I2C ID is 6Ch.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com