Electronic Components Datasheet Search
  English  ▼

X  

F75133 Datasheet(PDF) 18 Page - Feature Integration Technology Inc.

Part # F75133
Description  LOADING GAUGE IC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINTEK [Feature Integration Technology Inc.]
Direct Link  http://www.fintek.com.tw/eng
Logo FINTEK - Feature Integration Technology Inc.

F75133 Datasheet(HTML) 18 Page - Feature Integration Technology Inc.

Back Button F75133 Datasheet HTML 14Page - Feature Integration Technology Inc. F75133 Datasheet HTML 15Page - Feature Integration Technology Inc. F75133 Datasheet HTML 16Page - Feature Integration Technology Inc. F75133 Datasheet HTML 17Page - Feature Integration Technology Inc. F75133 Datasheet HTML 18Page - Feature Integration Technology Inc. F75133 Datasheet HTML 19Page - Feature Integration Technology Inc. F75133 Datasheet HTML 20Page - Feature Integration Technology Inc. F75133 Datasheet HTML 21Page - Feature Integration Technology Inc. F75133 Datasheet HTML 22Page - Feature Integration Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
2007
V0.28P
-15-
F75133
4-2 PME _PIN_SEL
R/W
0h
These registers use to select PME# pin clock output function.
000: PME# pin will use as normal function.
001: PME# pin will output 100HZ or 50HZ clock (select by CR00 bit4)
010: When PWM duty over LIMIT 2, PME# pin will output 100HZ or 50HZ
clock.
011: When PWM duty under Limit1, PME# pin will output 100HZ or 50HZ clock
100~111: When PWM duty over or under LIMIT3/0, PME# pin will output 1HZ
clock
1-0 TURBO_PIN_SEL
R/W
0h
These registers use to select Turbo# pin clock output function.
00: Turbo pin will use as normal function.
01: Turbo pin will output 100HZ or 50HZ clock (select by CR00 bit4)
10: When PWM duty over LIMIT2, Turbo pin will output 100HZ or 50HZ clock.
11: When PWM duty under LIMIT1, Turbo pin will output 100HZ or 50HZ clock
8.14
Event and mode control Register
 Index 0Dh
Bit
Name
R/W Default
Description
7-6 Reserved
R0
0
Always return 0.
5
FAULT_DIS_TURBO R/W
0
When this bit enable, pin Fault # will become input mode, and input low will
disable turbo output.
4
FAULT_LED
R/W
0
Set to 1 fault function will alert by LED mode.
3
HYS_MODE_EN
R/W
0
Hysteresis mode
2
Reserved
R/W
0
Reserved. (Do Not change the value)
1
DIS_LIMIT3_VAL
R/W
0
Set this bit to 1 to disable over LIMIT3 compare.
0
DIS _LIMIT0_VAL
R/W
1
Set this bit to 1 to disable under LIMIT0 compare.
8.15
PME# Event Control Register
 Index 0Eh
Bit
Name
R/W Default
Description
7-4 Reserved
R0
0
Always return 0.
3
LIMIT3_PME_EN
R/W
1
Enable over/under LIMIT3 event to trigger PME
2
LIMIT2_PME_EN
R/W
1
Enable over/under LIMIT2 event to trigger PME
1
LIMIT1_PME_EN
R/W
1
Enable over/under LIMIT1 event to trigger PME
0
LIMIT0_PME_EN
R/W
1
Enable over/under LIMIT0 event to trigger PME
8.16
Watchdog timer Control Register
 Index 0Fh
Bit
Name
R/W Default
Description
7-6 Reserved
R0
0
Always return 0.
5
TIMEOUT_EN
R/W
1
Timeout function enables.
4-0 TIMOUT_CNT_VAL
R/W
1Fh
When HYS_MODE and PWM duty between LIMIT value and return value more
then timeout count value times, it will disable turbo output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com