Electronic Components Datasheet Search
  English  ▼

X  

F75385M Datasheet(PDF) 13 Page - Feature Integration Technology Inc.

Part # F75385M
Description  짹1oC Accuracy Temperature Sensor IC Datasheet
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINTEK [Feature Integration Technology Inc.]
Direct Link  http://www.fintek.com.tw/eng
Logo FINTEK - Feature Integration Technology Inc.

F75385M Datasheet(HTML) 13 Page - Feature Integration Technology Inc.

Back Button F75385M Datasheet HTML 9Page - Feature Integration Technology Inc. F75385M Datasheet HTML 10Page - Feature Integration Technology Inc. F75385M Datasheet HTML 11Page - Feature Integration Technology Inc. F75385M Datasheet HTML 12Page - Feature Integration Technology Inc. F75385M Datasheet HTML 13Page - Feature Integration Technology Inc. F75385M Datasheet HTML 14Page - Feature Integration Technology Inc. F75385M Datasheet HTML 15Page - Feature Integration Technology Inc. F75385M Datasheet HTML 16Page - Feature Integration Technology Inc. F75385M Datasheet HTML 17Page - Feature Integration Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
July 2006
V0.21P
-10-
0
EN_ARA_STS
R/W
Set to 1, ALERT de-asserted condition is related with ARA.
Set to 0, ALERT de-asserted condition is not related with ARA(Alert Response
Address).
7.7 Chip ID I Register
 Index 5Ah
Power on default: 03h.
7.8 Chip ID II Register
 Index 5Bh
Power on default: 03h.
7.9 Vendor ID I (Manufacturer ID) Register
 Index 5Dh
Power on default: 19h.
7.10 Vendor ID I (Manufacturer ID) Register
 Index 5Eh
Power on default: 34h.
7.11 Vendor ID II (Manufacturer ID) Register
 Index FEh
Power on default: 23h. (programmable)
7.12 Value RAM
 Index 10h- 2Fh
VT1 : Local Temperature
VT2 : Remote Temperature
The value in quota is its power-on default value
.
Description
Attribute
Read Address
(High Byte)
Read Address
(Low Byte)
Write Address
(High Byte)
Write Address
(Low Byte)
VT1 reading
RO
00h
1Ah
VT2 reading
RO
01h
10h
VT1 High Limit
R/W
05h (55h)
1Bh (00h)
0Bh
1Bh
VT1 Low Limit
R/W
06h (00h)
1Ch (00h)
0Ch
1Ch
VT2 High Limit
R/W
07h (55h)
13h (00h)
0Dh
13h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com