Electronic Components Datasheet Search
  English  ▼

X  

F75385M Datasheet(PDF) 2 Page - Feature Integration Technology Inc.

Part # F75385M
Description  짹1oC Accuracy Temperature Sensor IC Datasheet
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINTEK [Feature Integration Technology Inc.]
Direct Link  http://www.fintek.com.tw/eng
Logo FINTEK - Feature Integration Technology Inc.

F75385M Datasheet(HTML) 2 Page - Feature Integration Technology Inc.

  F75385M Datasheet HTML 1Page - Feature Integration Technology Inc. F75385M Datasheet HTML 2Page - Feature Integration Technology Inc. F75385M Datasheet HTML 3Page - Feature Integration Technology Inc. F75385M Datasheet HTML 4Page - Feature Integration Technology Inc. F75385M Datasheet HTML 5Page - Feature Integration Technology Inc. F75385M Datasheet HTML 6Page - Feature Integration Technology Inc. F75385M Datasheet HTML 7Page - Feature Integration Technology Inc. F75385M Datasheet HTML 8Page - Feature Integration Technology Inc. F75385M Datasheet HTML 9Page - Feature Integration Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
F75385
F75385
July, 2006
-I-
F75385 Datasheet Revision History
Version
Date
Page
Revision History
0.20P
March, 2006
-
Original Release Version
0.21P
July, 2006
10
Modify VT1/VT2 High Limit and VT1 THERM Limit Default Value.
Original (64h)
New (55h)
Please note that all data and specifications are subject to change without notice. All the trade marks of products and
companies mentioned in this data sheet belong to their respective owners.
LIFE SUPPORT APPLICATIONS
These products are not designed for use in life support appliances, devices, or systems where malfunction of these
products can reasonably be expected to result in personal injury. Customers using or selling these products for
use in such applications do so at their own risk and agree to fully indemnify Fintek for any damages resulting from
such improper use or sales.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com