Electronic Components Datasheet Search
  English  ▼

X  

LR530 Datasheet(PDF) 7 Page - Seoul Semiconductor

Part # LR530
Description  RED LAMP LED
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

LR530 Datasheet(HTML) 7 Page - Seoul Semiconductor

Back Button LR530 Datasheet HTML 3Page - Seoul Semiconductor LR530 Datasheet HTML 4Page - Seoul Semiconductor LR530 Datasheet HTML 5Page - Seoul Semiconductor LR530 Datasheet HTML 6Page - Seoul Semiconductor LR530 Datasheet HTML 7Page - Seoul Semiconductor LR530 Datasheet HTML 8Page - Seoul Semiconductor LR530 Datasheet HTML 9Page - Seoul Semiconductor LR530 Datasheet HTML 10Page - Seoul Semiconductor LR530 Datasheet HTML 11Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Rev. 00
Rev. 00
December 2007
December 2007
www.ZLED.com
www.ZLED.com
<080924> Rev. 0.6
Document No. : SSC-QP-7-07-24 (Rev.00)
6. Color & Binning
3
-
B
Luminous
Intensity
Dominant
Wavelength
Forward Voltage
Bin Code
Available ranks
2.5
2.4
F
2.6
2.5
G
2.4
2.3
E
2.0
1.9
A
2.1
2.0
B
2.2
2.1
C
2.3
2.2
D
Max.
Min.
Bin
Code
Forward Voltage (V)
@ I
F = 20mA
10000
7000
5
4500
4000
2
5000
4500
3
7000
5000
4
4000
3000
1
Max.
Min.
Bin
Code
Luminous Intensity (mcd)
@ I
F = 20mA
631
619
Max.
Min.
Bin
Code
Dominant Wavelength (nm)
@ I
F = 20mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com