Electronic Components Datasheet Search
  English  ▼

X  

LR530 Datasheet(PDF) 4 Page - Seoul Semiconductor

Part # LR530
Description  RED LAMP LED
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

LR530 Datasheet(HTML) 4 Page - Seoul Semiconductor

  LR530 Datasheet HTML 1Page - Seoul Semiconductor LR530 Datasheet HTML 2Page - Seoul Semiconductor LR530 Datasheet HTML 3Page - Seoul Semiconductor LR530 Datasheet HTML 4Page - Seoul Semiconductor LR530 Datasheet HTML 5Page - Seoul Semiconductor LR530 Datasheet HTML 6Page - Seoul Semiconductor LR530 Datasheet HTML 7Page - Seoul Semiconductor LR530 Datasheet HTML 8Page - Seoul Semiconductor LR530 Datasheet HTML 9Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Rev. 00
Rev. 00
December 2007
December 2007
www.ZLED.com
www.ZLED.com
<080924> Rev. 0.6
Document No. : SSC-QP-7-07-24 (Rev.00)
2. Absolute Maximum Ratings ( Ta = 25ºC )
mW
78
P
D
Power Dissipation
V
5
V
R
Reverse Voltage
ºC
260ºC for 10seconds [2]
T
s
Solder Temperature
ºC
-40 ~ 100
T
opr
Operating Temperature
mA
100
I
FP
[1]
Forward Peak Pulse Current
ºC
-50 ~ 105
T
stg
Storage Temperature
mA
30
I
F
DC Forward Current
Unit
Value
Symbol
Item
Notes :
[1] t ≤ 0.1ms, D = 1/10
[2] No lower than 3mm from the base of the epoxy bulb.
3. Electro-Optical Characteristics ( Ta = 25ºC, IF=20mA )
µA
5
-
-
I
R
Reverse Current (at V
R = 5V)
nm
631
625
619
λ
d
Dominant Wavelength[5]
-
2.0
lm
-
Ф
V
Luminous Flux
V
2.6
2.2
-
V
F
Forward Voltage [6]
30
deg.
2
θ
½
View Angle
-
5000
3000
Max.
Typ.
Min.
mcd
I
V
[4]
Luminous Intensity [3]
Unit
Value
Symbol
Item
Notes :
[3] SSC maintains a tolerance of
±10% on intensity and power measurements.
[4]
I
V is the luminous intensity output as measured with a cylinder.
[5] Dominant wavelength is derived from the CIE 1931 Chromaticity diagram.
A tolerance of
±0.5nm for dominant wavelength.
[6] A tolerance of
±0.05V on forward voltage measurements



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com