Electronic Components Datasheet Search
  English  ▼

X  

LT1640AL Datasheet(PDF) 5 Page - Linear Technology

Part # LT1640AL
Description  Negative Voltage Hot Swap Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1640AL Datasheet(HTML) 5 Page - Linear Technology

  LT1640AL Datasheet HTML 1Page - Linear Technology LT1640AL Datasheet HTML 2Page - Linear Technology LT1640AL Datasheet HTML 3Page - Linear Technology LT1640AL Datasheet HTML 4Page - Linear Technology LT1640AL Datasheet HTML 5Page - Linear Technology LT1640AL Datasheet HTML 6Page - Linear Technology LT1640AL Datasheet HTML 7Page - Linear Technology LT1640AL Datasheet HTML 8Page - Linear Technology LT1640AL Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
LT1640AL/LT1640AH
PIN FUNCTIONS
OV (Pin 2): Analog Overvoltage Input. When OV is pulled
above the 1.223V low-to-high threshold, an overvoltage
condition is detected and the GATE pin will be immediately
pulled low. The GATE pin will remain low until OV drops
below the 1.203V high-to-low threshold.
UV (Pin 3): Analog Undervoltage Input. When UV is
pulled below the 1.223V high to low threshold, an under-
voltage condition is detected and the GATE pin will be
immediately pulled low. The GATE pin will remain low
until UV rises above the 1.243 low-to-high threshold.
The UV pin is also used to reset the electronic circuit
breaker. If the UV pin is cycled low and high following the
trip of the circuit breaker, the circuit breaker is reset and
a normal power-up sequence will occur.
VEE (Pin 4): Negative Supply Voltage Input. Connect to
the lower potential of the power supply.
SENSE (Pin 5): Circuit Breaker Sense Pin. With a sense
resistor placed in the supply path between VEE and
SENSE, the circuit breaker will trip when the voltage
across the resistor exceeds 50mV. Noise spikes of less
than 2
µs are filtered out and will not trip the circuit
breaker.
If the circuit breaker trip current is set to twice the normal
operating current, only 25mV is dropped across the
sense resistor during normal operation. To disable the
circuit breaker, VEE and SENSE can be shorted together.
GATE (Pin 6): Gate Drive Output for the External
N-Channel. The GATE pin will go high when the following
start-up conditions are met: the UV pin is high, the OV pin
is low and (VSENSE – VEE) < 50mV. The GATE pin is pulled
high by a 45
µA current source and pulled low with a
50mA current source.
DRAIN (Pin 7): Analog Drain Sense Input. Connect this
pin to the drain of the external N-channel and the V – pin
of the power module. When the DRAIN pin is below VPG,
the PWRGD or PWRGD pin will toggle. In some condi-
tions, the DRAIN pin is pulled below VEE. The part is not
damaged if the reverse DRAIN pin current is limited to
50mA.
VDD (Pin 8): Positive Supply Voltage Input. Connect this
pin to the higher potential of the power supply inputs and
the V + pin of the power module. The input supply voltage
ranges from 10V to 80V.
BLOCK DIAGRA
–
+
+
–
+
–
DRAIN
1640A BD
GATE
SENSE
VEE
VEE
VPG
OUTPUT
DRIVE
PWRGD/PWRGD
50mV
VCC
VDD
REF
REF
UV
OV
LOGIC
AND
GATE DRIVE
VCC AND
REFERENCE
GENERATOR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com