Electronic Components Datasheet Search
  English  ▼

X  

LT1640AL Datasheet(PDF) 6 Page - Linear Technology

Part # LT1640AL
Description  Negative Voltage Hot Swap Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1640AL Datasheet(HTML) 6 Page - Linear Technology

Back Button LT1640AL Datasheet HTML 2Page - Linear Technology LT1640AL Datasheet HTML 3Page - Linear Technology LT1640AL Datasheet HTML 4Page - Linear Technology LT1640AL Datasheet HTML 5Page - Linear Technology LT1640AL Datasheet HTML 6Page - Linear Technology LT1640AL Datasheet HTML 7Page - Linear Technology LT1640AL Datasheet HTML 8Page - Linear Technology LT1640AL Datasheet HTML 9Page - Linear Technology LT1640AL Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
LT1640AL/LT1640AH
PWRGD/PWRGD VDD
V +
5V
OV
VDRAIN
48V
R
5k
DRAIN
LT1640AL/LT1640AH
UV
GATE
VEE
SENSE
VSENSE
1640A F01
VUV
VOV
+
–
Figure 1. Test Circuit
2V
1V
1640A F02
tPHLOV
1.223V
0V
OV
GATE
1V
1.203V
tPLHOV
TIMING DIAGRAMS
Figure 2. OV to GATE Timing
2V
1V
1640A F03
tPHLUV
1.223V
0V
UV
GATE
1V
1.243V
tPLHUV
Figure 3. UV to GATE Timing
Figure 4. SENSE to GATE Timing
1V
1640A F04
tPHLSENSE
50mV
SENSE
GATE
1.8V
1V
1640A F05
0V
VPWRGD – VDRAIN = 0V
DRAIN
PWRGD
1V
1.4V
1.8V
1V
tPLHPG
VEE
VEE
DRAIN
PWRGD
1V
1.4V
tPHLPG
tPLHPG
tPHLPG
Figure 5. DRAIN to PWRGD/PWRGD Timing
TEST CIRCUIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com