Electronic Components Datasheet Search
  English  ▼

X  

LT1638CS8 Datasheet(PDF) 12 Page - Linear Technology

Part # LT1638CS8
Description  1.2MHz, 0.4V/關s Over-The-Top Micropower Rail-to-Rail Input and Output Op Amps
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1638CS8 Datasheet(HTML) 12 Page - Linear Technology

Back Button LT1638CS8 Datasheet HTML 8Page - Linear Technology LT1638CS8 Datasheet HTML 9Page - Linear Technology LT1638CS8 Datasheet HTML 10Page - Linear Technology LT1638CS8 Datasheet HTML 11Page - Linear Technology LT1638CS8 Datasheet HTML 12Page - Linear Technology LT1638CS8 Datasheet HTML 13Page - Linear Technology LT1638CS8 Datasheet HTML 14Page - Linear Technology LT1638CS8 Datasheet HTML 15Page - Linear Technology LT1638CS8 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
12
LT1638/LT1639
16389fd
TYPICAL APPLICATIONS
–
+
1/2 LT1638
5V
V +
200
Ω
200
Ω
0.2
Ω
2k
0V TO 4.3V
1638/39 F03
VOUT = (2Ω)(ILOAD)
Q1
2N3904
LOAD
ILOAD
Figure 4. Current Source
Figure 3. Positive Supply Rail Current Sense
SI PLIFIED SCHE ATIC
Q10
D5
Q9
Q1
Q7
R2
1k
R3
1k
R4
8k
Q8
Q5
–IN
+IN
Q11
Q12
D4
ONE AMPLIFIER
D2
Q2
D1
Q6
Q13
Q14
R1
6k
R5
8k
Q4
10
μA
+
Q15
Q19
D3
Q3
Q16
Q18
Q22
V +
Q17
Q20
Q21
OUT
V –
1638/39 SS
–
+
1/2 LT1638
R1
1.2V
R1
IOUT =
LT1634-1.2
IOUT
1638/39 F04
VCC
VCC
The application in Figure 3 utilizes the Over-The-Top
capabilities of the LT1638. The 0.2
Ω resistor senses the
load current while the op amp and NPN transistor form a
closed loop making the collector current of Q1
proportional to the load current. As a convenient monitor,
the 2k load resistor converts the current into a voltage. The
positive supply rail, V+, is not limited to the 5V supply of
the op amp and could be as high as 44V.
The Figure 4 application uses the LT1638 in conjunction
with the LT1634 micropower shunt reference. The supply
current of the op amp also biases the reference. The drop
across resistor R1 is fixed at 1.2V generating an output
current equal to 1.2V/R1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com