Electronic Components Datasheet Search
  English  ▼

X  

LT1638CS8 Datasheet(PDF) 16 Page - Linear Technology

Part # LT1638CS8
Description  1.2MHz, 0.4V/關s Over-The-Top Micropower Rail-to-Rail Input and Output Op Amps
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1638CS8 Datasheet(HTML) 16 Page - Linear Technology

Back Button LT1638CS8 Datasheet HTML 8Page - Linear Technology LT1638CS8 Datasheet HTML 9Page - Linear Technology LT1638CS8 Datasheet HTML 10Page - Linear Technology LT1638CS8 Datasheet HTML 11Page - Linear Technology LT1638CS8 Datasheet HTML 12Page - Linear Technology LT1638CS8 Datasheet HTML 13Page - Linear Technology LT1638CS8 Datasheet HTML 14Page - Linear Technology LT1638CS8 Datasheet HTML 15Page - Linear Technology LT1638CS8 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
16
LT1638/LT1639
16389fd
LT 0707 REV D • PRINTED IN USA
© LINEAR TECHNOLOGY CORPORATION 1998
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com
TYPICAL APPLICATION
RA, 2k
Q2
2N3904
S1
S1 = OPEN, GAIN = 1
S1 = CLOSED, GAIN = 10
RA = RB
VS = 5V, 0V
10k
90.9k
VOUT
LOGIC
1638/39 F05
LOGIC HIGH (5V) = CHARGING
LOGIC LOW (0V) = DISCHARGING
RG
10k
Q1
2N3904
RS, 0.2Ω
CHARGER
VOLTAGE
RA', 2k
RB', 2k
RB, 2k
VBATT = 12V
IBATT
+
LOAD
VOUT
(RS)(RG/RA)(GAIN)
VOUT
GAIN
IBATT =
=
AMPS
–
+
A
1/4 LT1639
–
+
B
1/4 LT1639
–
+
C
1/4 LT1639
–
+
D
1/4 LT1639
Figure 5. Battery Monitor
PART NUMBER
DESCRIPTION
COMMENTS
LT1078/LT1079
Dual/Quad 55
μA Max, Single Supply, Precision Op Amps
Input/Output Common Mode Includes Ground, 70
μV VOS(MAX)
LT2078/LT2079
and 2.5
μV/°C Drift (Max), 200kHz GBW, 0.07V/μs Slew Rate
LT1178/LT1179
Dual/Quad 17
μA Max, Single Supply, Precison Op Amps
Input/Output Common Mode Includes Ground, 70
μV VOS(MAX)
LT2178/LT2179
and 4
μV/°C Drift (Max), 85kHz GBW, 0.04V/μs Slew Rate
LT1366/LT1367
Dual/Quad Precision, Rail-to-Rail Input and Output Op Amps
475
μV VOS(MAX), 500V/mV AVOL(MIN), 400kHz GBW
LT1490/LT1491
Dual/Quad Over-The-Top Micropower, Rail-to-Rail Input and
Single Supply Input Range: – 0.4V to 44V, Micropower 50
μA
Output Op Amps
per Amplifier, Rail-to-Rail Input and Output, 200kHz GBW
LT1636
Single Over-The-Top Micropower Rail-to-Rail Input and Output
55
μA Supply Current, VCM Extends 44V above VEE,
Op Amp
Independent of VCC; MSOP Package, Shutdown Function
RELATED PARTS
The battery monitor in Figure 5 also demonstrates the
LT1638’s ability to operate with its inputs above the
positive rail. In this application, a conventional amplifier
would be limited to a battery voltage between 5V and
ground, but the LT1638 can handle battery voltages as
high as 44V. When the battery is charging, Amp B senses
the voltage drop across RS. The output of Amp B causes
Q2 to drain sufficient current through RB to balance the
input of Amp B. Likewise, Amp A and Q1 form a closed
loop when the battery is discharging. The current through
Q1 or Q2 is proportional to the current in RS and this
current flows into RG and is converted into a voltage. Amp
D buffers and amplifies the voltage across RG. Amp C
compares the output of Amp A and Amp B to determine
the polarity of current through RS. The scale factor for
VOUT with S1 open is 1V/A. With S1 closed the scale factor
is 1V/100mA and currents as low as 500
μA can be
measured.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com