Electronic Components Datasheet Search
  English  ▼

X  

LT1713 Datasheet(PDF) 8 Page - Linear Technology

Part # LT1713
Description  Single/Dual, 7ns, Low Power,3V/5V/짹5V Rail-to-Rail Comparators
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1713 Datasheet(HTML) 8 Page - Linear Technology

Back Button LT1713 Datasheet HTML 4Page - Linear Technology LT1713 Datasheet HTML 5Page - Linear Technology LT1713 Datasheet HTML 6Page - Linear Technology LT1713 Datasheet HTML 7Page - Linear Technology LT1713 Datasheet HTML 8Page - Linear Technology LT1713 Datasheet HTML 9Page - Linear Technology LT1713 Datasheet HTML 10Page - Linear Technology LT1713 Datasheet HTML 11Page - Linear Technology LT1713 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8
LT1713/LT1714
APPLICATIO S I FOR ATIO
Common Mode Considerations
The LT1713/LT1714 are specified for a common mode
range of – 5.1V to 5.1V on a
±5V supply, or a common
mode range of – 0.1V to 5.1V on a single 5V supply. A more
general consideration is that the common mode range is
from 100mV below the negative supply to 100mV above
the positive supply, independent of the actual supply volt-
age. The criteria for common mode limit is that the output
still responds correctly to a small differential input signal.
When either input signal falls outside the common mode
limit, the internal PN diode formed with the substrate can
turn on resulting in significant current flow through the
die. Schottky clamp diodes between the inputs and the
supply rails speed up recovery from excessive overdrive
conditions by preventing these substrate diodes from
turning on.
Input Bias Current
Input bias current is measured with the outputs held at
2.5V with a 5V supply voltage. As with any rail-to-rail
differential input stage, the LT1713/LT1714 bias current
flows into or out of the device depending upon the com-
mon mode level. The input circuit consists of an NPN pair
and a PNP pair. For inputs near the negative rail, the NPN
pair is inactive, and the input bias current flows out of the
device; for inputs near the positive rail, the PNP pair is
inactive, and these currents flow into the device. For inputs
far enough away from the supply rails, the input bias
current will be some combination of the NPN and PNP bias
currents. As the differential input voltage increases, the
input current of each pair will increase for one of the inputs
and decrease for the other input. Large differential input
voltages result in different input currents as the input
stage enters various regions of operation. To reduce the
influence of these changing input currents on system
operation, use a low source resistance.
Latch Pin Dynamics
The internal latches of the LT1713/LT1714 comparators
retain the input data (output latched) when their respective
latch pin goes high. The latch pin will float to a low state
when disconnected, but it is better to ground the latch
when a flow-through condition is desired. The latch pin is
designed to be driven with either a TTL or CMOS output.
It has built-in hysteresis of approximately 100mV, so that
slow moving or noisy input signals do not impact latch
performance. For the LT1714, if only one of the compara-
tors is being used at a given time, it is best to latch the
second comparator to avoid any possibility of interactions
between the two comparators in the same package.
High Speed Design Techniques
A substantial amount of design effort has made the
LT1713/LT1714 relatively easy to use. As with most high
speed comparators, careful attention to PC board layout
and design is important in order to prevent oscillations.
The most common problem involves power supply by-
passing which is necessary to maintain low supply im-
pedance. Resistance and inductance in supply wires and
PC traces can quickly build up to unacceptable levels,
thereby allowing the supply voltages to move as the
supply current changes. This movement of the supply
voltages will often result in improper operation. In addi-
tion, adjacent devices connected through an unbypassed
supply can interact with each other through the finite
supply impedances.
Bypass capacitors furnish a simple solution to this prob-
lem by providing a local reservoir of energy at the device,
thus keeping supply impedance low. Bypass capacitors
should be as close as possible to the LT1713/LT1714
supply pins. A good high frequency capacitor, such as a
0.1
µF ceramic, is recommended in parallel with a larger
capacitor, such as a 4.7
µF tantalum.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com