Electronic Components Datasheet Search
  English  ▼

X  

LT1713 Datasheet(PDF) 6 Page - Linear Technology

Part # LT1713
Description  Single/Dual, 7ns, Low Power,3V/5V/짹5V Rail-to-Rail Comparators
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1713 Datasheet(HTML) 6 Page - Linear Technology

Back Button LT1713 Datasheet HTML 2Page - Linear Technology LT1713 Datasheet HTML 3Page - Linear Technology LT1713 Datasheet HTML 4Page - Linear Technology LT1713 Datasheet HTML 5Page - Linear Technology LT1713 Datasheet HTML 6Page - Linear Technology LT1713 Datasheet HTML 7Page - Linear Technology LT1713 Datasheet HTML 8Page - Linear Technology LT1713 Datasheet HTML 9Page - Linear Technology LT1713 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
LT1713/LT1714
TYPICAL PERFOR A CE CHARACTERISTICS
Negative Supply Current
vs Negative Supply Voltage
Positive Supply Current
vs Switching Frequency
SWITCHING FREQUENCY (MHz)
0
20
25
30
40
171314 G07
15
10
0
10
20
30
5
40
35
TA = 25°C
V+ = 5V
V – = 0V
CLOAD = 10pF
NEGATIVE SUPPLY VOLTAGE (V)
0
2.0
2.2
2.6
2.8
3.0
4.0
3.4
–2
–4
–5
171314 G08
2.4
3.6
3.8
3.2
–1
–3
–6
–7
TA = 25°C
∆VIN = 100mV
IOUT = 0
V+ = 5V
V+ = 2.7V
Input Bias Current
vs Input Common Mode Voltage
INPUT COMMON MODE VOLTAGE (V)
–1
–6
–5
–3
–2
–1
345
3
171314 G09
–4
1
0
26
0
1
2
TA = 25°C
V+ = 5V
V – = 0V
∆VIN = 0mV
Output High Voltage
vs Source Current
Input Bias Current
vs Temperature
Output Low Voltage
vs Sink Current
TEMPERATURE (
°C)
–50
100
171314 G10
050
0
–1
–2
–3
–4
–25
25
75
125
V+ = 5V
V – = 0V
VCM = 2.5V
LOADING SOURCE CURRENT (mA)
0.01
4.0
4.1
4.3
4.4
4.5
5.0
4.7
1
171314 G11
4.2
4.8
4.9
4.6
0.1
10
TA = 25°C
V+ = 5V
V – = 0V
∆VIN = 100mV
LOADING SINK CURRENT (mA)
0.01
0
0.1
0.3
0.4
0.5
1.0
0.7
1
171314 G12
0.2
0.8
0.9
0.6
0.1
10
TA = 25°C
V+ = 5V
V – = 0V
∆VIN = 100mV
Output Timing Jitter
vs Switching Frequency
Output Rising Edge, 5V Supply
Output Falling Edge, 5V Supply
VIN
VOUT
VIN
VOUT
FREQUENCY (MHz)
0
0
20
60
80
100
200
140
40
171314 G13
40
160
180
120
20
60
80
TA = 25°C
V+ = 5V
V – = 0V
VCM = 2.5V
VIN = 630mVP-P
(0dBm) SINE WAVE
171314 G14
171314 G15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com