Electronic Components Datasheet Search
  English  ▼

X  

LT1715IMSPBF Datasheet(PDF) 13 Page - Linear Technology

Part # LT1715IMSPBF
Description  4ns, 150MHz Dual Comparator with Independent Input/Output Supplies
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1715IMSPBF Datasheet(HTML) 13 Page - Linear Technology

Back Button LT1715IMSPBF Datasheet HTML 9Page - Linear Technology LT1715IMSPBF Datasheet HTML 10Page - Linear Technology LT1715IMSPBF Datasheet HTML 11Page - Linear Technology LT1715IMSPBF Datasheet HTML 12Page - Linear Technology LT1715IMSPBF Datasheet HTML 13Page - Linear Technology LT1715IMSPBF Datasheet HTML 14Page - Linear Technology LT1715IMSPBF Datasheet HTML 15Page - Linear Technology LT1715IMSPBF Datasheet HTML 16Page - Linear Technology LT1715IMSPBF Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
LT1715
13
1715fa
The second step is to recalculate R2 to set the same av-
erage threshold as before. The average threshold before
was set at VTH = (VREF)(R1)/(R1 + R2). The new R2 is
calculated based on the average output voltage (+VS/2)and
the simplified circuit model in Figure 7. To assure that the
comparator’s noninverting input is, on average, the same
VTH as before:
R2´ = (VREF – VTH)/(VTH/R1 + (VTH – VS/2)/R3)
For additional hysteresis of 10mV or less, it is not uncom-
mon for R2´ to be the same as R2 within 1% resistor
tolerances.
This method will work for additional hysteresis of up to
a few hundred millivolts. Beyond that, the impedance of
R3 is low enough to effect the bias string, and adjust-
ment of R1 may also be required. Note that the currents
through the R1/R2 bias string should be many times the
input currents of the LT1715. For 5% accuracy, the cur-
rent must be at least 20 times the input current, more for
higher accuracy.
Interfacing the LT1715 to ECL
The LT1715’s comparators can be used in high speed ap-
plications where Emitter-Coupled Logic (ECL) is deployed.
To interface the output of the LT1715 to ECL logic inputs,
standard TTL/CMOS to ECL level translators such as the
10H124, 10H424 and 100124 can be used. The secom-
ponents come at a cost of a few nanoseconds additional
delay as well as supply currents of 50mA or more, and
are only available in quads. A faster, simpler and lower
power translator can be constructed with resistors as
shown in Figure 8.
Figure 8a shows the standard TTL to Positive ECL (PECL)
resistive level translator. This translator cannot be used
forthe LT1715, or with CMOS logic, because it depends
on the 820Ω resistor to limit the output swing (VOH) of
the all-NPNTTL gate with its so-called totem-pole output.
The LT1715is fabricated in a complementary bipolar
process and the output stage has a PNP driver that pulls
the output nearly all the way to the supply rail, even when
sourcing 10mA.
Figure 8b shows a three resistor level translator for inter-
facing the LT1715 to ECL running off the same supply rail.
No pull-down on the output of the LT1715 is needed, but
pull-down R3 limits the VIH seen by the PECL gate. This
is needed because ECL inputs have both a minimum and
maximum VIH specification for proper operation. Resis-
tor values are given for both ECL interface types; in both
cases it is assumed that the LT1715 operates from the
same supply rail.
Figure 8c shows the case of translating to PECL from
an LT1715 powered by a 3V supply rail. Again, resistor
values are given for both ECL interface types. This time
four resistors are needed, although with 10KH/E, R3 is not
needed. In that case, the circuit resembles the standard
TTL translator of Figure 8a, but the function of the new
resistor, R4, is much different. R4 loads the LT1715 output
when high so that the current flowing through R1 doesn’t
forward bias the LT1715’s internal ESD clamp diode.
Although this diode can handle 20mA without damage,
normal operation and performance of the output stage can
be impaired above 100μA of forward current. R4 prevents
this with the minimum additional power dissipation.
Finally, Figure 8d shows the case of driving standard,
negative-rail, ECL with the LT1715. Resistor values are
given for both ECL interface types and for both a 5V
and 3V LT1715 supply rail. Again, a fourth resistor, R4
is needed to prevent the low state current from flowing
out of the LT1715, turning on the internal ESD/substrate
diodes. Resistor R4 again prevents this with the minimum
additional power dissipation.
APPLICATIONS INFORMATION
Figure 7. Model for Additional Hysteresis Calculations
–
+
1/2 LT1715
1715 F07
R2´
VREF
VTH
R3
+VS
2
VAVERAGE =
R1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com