Electronic Components Datasheet Search
  English  ▼

X  

LT1715IMSPBF Datasheet(PDF) 3 Page - Linear Technology

Part # LT1715IMSPBF
Description  4ns, 150MHz Dual Comparator with Independent Input/Output Supplies
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1715IMSPBF Datasheet(HTML) 3 Page - Linear Technology

  LT1715IMSPBF Datasheet HTML 1Page - Linear Technology LT1715IMSPBF Datasheet HTML 2Page - Linear Technology LT1715IMSPBF Datasheet HTML 3Page - Linear Technology LT1715IMSPBF Datasheet HTML 4Page - Linear Technology LT1715IMSPBF Datasheet HTML 5Page - Linear Technology LT1715IMSPBF Datasheet HTML 6Page - Linear Technology LT1715IMSPBF Datasheet HTML 7Page - Linear Technology LT1715IMSPBF Datasheet HTML 8Page - Linear Technology LT1715IMSPBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
LT1715
3
1715fa
ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VCC = 5V, VEE = –5V, +VS = 5V, VCM = 1V, COUT = 10pF, VOVERDRIVE = 20mV,
unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
(Note 6)
LT1715C, LT1715I
LT1715H
l
l
0.4
2.5
3.5
4
mV
mV
mV
VHYST
Input Hysteresis Voltage
(Note 6)
LT1715C, LT1715I
LT1715H
l
l
2
2
3.5
6
7
mV
mV
VOS/ΔT
Input Offset Voltage Drift
l
10
μV/°C
IB
Input Bias Current
LT1715C, LT1715I
LT1715H
l
l
–6
–7
–2.5
0
0
μA
μA
IOS
Input Offset Current
LT1715C, LT1715I
LT1715H
l
l
0.2
0.6
1
μA
μA
CMRR
Common Mode Rejection Ratio
(Note 7)
LT1715C, LT1715I
LT1715H
l
l
60
55
70
dB
dB
PSRR
Power Supply Rejection Ratio
(Note 8)
l
65
80
dB
AV
Voltage Gain
(Note 9)
∞
VOH
Output High Voltage
ISOURCE = 4mA, VIN = VTRIP+ + 20mV
l +VS – 0.4
V
VOL
Output Low Voltage
ISINK = 10mA, VIN = VTRIP– – 20mV
l
0.4
V
fMAX
Maximum Toggle Frequency
(Note 10)
150
MHz
tPD20
Propagation Delay
VOVERDRIVE = 20mV (Note 11),
VCC = 5V, VEE = –5V
LT1715C, LT1715I
LT1715H
l
l
2.8
2.8
2.8
46
7
8
ns
ns
ns
VOVERDRIVE = 20mV, VCC = 5V, VEE = 0V
4.4
ns
VOVERDRIVE = 20mV, VCC = 3V, VEE = 0V
LT1715C, LT1715I
LT1715H
l
l
3
3
3
4.8
6.5
7.5
8
ns
ns
ns
tPD5
Propagation Delay
VOVERDRIVE = 5mV, VEE = 0V (Notes 11, 12)
l
69
12
ns
ns
tSKEW
Propagation Delay Skew
(Note 13) Between tPD+/tPD–, VEE = 0V
l
0.5
1.5
ns
ΔtPD
Differential Propagation Delay
(Note 14) Between Channels
l
0.3
1
ns
tr
Output Rise Time
10% to 90%
2
ns
tf
Output Fall Time
90% to 10%
2
ns
tJITTER
Output Timing Jitter
VIN = 1.2VP-P (6dBm), ZIN = 50
tPD+
f = 20MHz (Note 15)
tPD–
15
11
psRMS
psRMS
ICC
Positive Input Stage Supply Current
(per Comparator)
+VS = VCC = 5V, VEE = –5V LT1715C, LT1715I
LT1715H
l
l
12
2.2
mA
mA
+VS = VCC = 3V, VEE = 0V
LT1715C, LT1715I
LT1715H
l
l
0.9
1.6
1.8
mA
mA
IEE
Negative Input Stage Supply Current
(per Comparator)
+VS = VCC = 5V, VEE = –5V LT1715C, LT1715I
LT1715H
l
l
–4.8
–5.3
–2.9
mA
mA
+VS = VCC = 3V, VEE = 0V
LT1715C, LT1715I
LT1715H
l
l
–3.8
–4.3
–2.4
mA
mA
IS
Positive Output Stage Supply Current
(per Comparator)
+VS = VCC = 5V, VEE = –5V LT1715C, LT1715I
LT1715H
l
l
4.6
7.5
8
mA
mA
VS = VCC = 3V, VEE = 0V
LT1715C, LT1715I
LT1715H
l
l
3.7
6
6.5
mA
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com