Electronic Components Datasheet Search
  English  ▼

X  

HV232PJ Datasheet(PDF) 3 Page - Supertex, Inc

Part # HV232PJ
Description  Low Charge Injection 8-Channel High Voltage Analog Switch with Bleed Resistors
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV232PJ Datasheet(HTML) 3 Page - Supertex, Inc

  HV232PJ Datasheet HTML 1Page - Supertex, Inc HV232PJ Datasheet HTML 2Page - Supertex, Inc HV232PJ Datasheet HTML 3Page - Supertex, Inc HV232PJ Datasheet HTML 4Page - Supertex, Inc HV232PJ Datasheet HTML 5Page - Supertex, Inc HV232PJ Datasheet HTML 6Page - Supertex, Inc HV232PJ Datasheet HTML 7Page - Supertex, Inc HV232PJ Datasheet HTML 8Page - Supertex, Inc HV232PJ Datasheet HTML 9Page - Supertex, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3
Electrical Characteristics
AC Characteristics (over operating conditions V
DD = 5V, unless otherwise noted)
0
°C
+25
°C
+70
°C
Characteristics
Sym
min
max
min
typ
max
min
max
Units
Test Conditions
Set Up Time Before LE Rises
tSD
150
150
150
ns
Time Width of LE
t
WLE
150
150
150
ns
Clock Delay Time to Data Out
t
DO
55
150
60
150
70
150
ns
Time Width of CL
tWCL
150
150
150
ns
Set Up Time Data to Clock
t
SU
15
15
8.0
20
ns
Hold Time Data from Clock
t
h
35
35
35
ns
Clock Freq
fCLK
5.0
5.0
5.0
MHz
50% duty cycle
f
DATA = fCLK/2
Clock Rise and Fall Times
tr, tf
1.0
1.0
1.0
µs
Turn On Time
t
ON
5.0
5.0
5.0
µsVSIG = VPP -10V,
RL = 10KΩ
Turn Off Time
t
OFF
5.0
5.0
5.0
µsVSIG = VPP -10V,
RL = 10KΩ
20
20
20
V
PP = 160V,
VNN = -40V
Maximum V
SIG Slew Rate
dv/dt
20
20
20
V/ns
V
PP = 100V,
VNN = -100V
20
20
20
V
PP = 40V,
VNN = -160V
Off Isolation
KO
-30
-30
-33
-30
dB
f = 5MHz,
1KΩ//15pF load
-58
-58
-58
dB
f = 5MHz,
50Ω load
Switch Crosstalk
K
CR
-60
-60
-70
-60
dB
f = 5MHz,
50Ω load
Output Switch Isolation
I
ID
300
300
300
mA
300ns pulse width,
Diode Current
2.0% duty cycle
Off Capacitance SW to GND
C
SG(OFF)
5.0
17
5.0
12
17
5.0
17
pF
0V, 1MHz
On Capacitance SW to GND
CSG(ON)
25
50
25
38
50
25
50
pF
0V, 1MHz
HV232



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com