Electronic Components Datasheet Search
  English  ▼

X  

HV232PJ Datasheet(PDF) 5 Page - Supertex, Inc

Part # HV232PJ
Description  Low Charge Injection 8-Channel High Voltage Analog Switch with Bleed Resistors
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV232PJ Datasheet(HTML) 5 Page - Supertex, Inc

  HV232PJ Datasheet HTML 1Page - Supertex, Inc HV232PJ Datasheet HTML 2Page - Supertex, Inc HV232PJ Datasheet HTML 3Page - Supertex, Inc HV232PJ Datasheet HTML 4Page - Supertex, Inc HV232PJ Datasheet HTML 5Page - Supertex, Inc HV232PJ Datasheet HTML 6Page - Supertex, Inc HV232PJ Datasheet HTML 7Page - Supertex, Inc HV232PJ Datasheet HTML 8Page - Supertex, Inc HV232PJ Datasheet HTML 9Page - Supertex, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5
Test Circuits
Switch OFF Leakage
ISOL
VPP
5V
VNN
VPP
VNN
VDD
GND
VPP Ð10V
DC Offset ON/OFF
VPP
5V
VNN
VPP
VNN
VDD
GND
VOUT
TON/TOFF Test Circuit
VPP
5V
VNN
VPP
VNN
VDD
GND
VPP Ð10V
RL 10KΩ
VOUT
Isolation Diode Current
IID
VPP
5V
VNN
VPP
VNN
VDD
GND
VNN
VSIG
Crosstalk
KCR = 20Log
VOUT
VIN
VIN =10VPÐP
@5MHz
NC
50Ω
VPP
5V
VNN
VPP
VNN
VDD
GND
50Ω
Charge Injection
VPP
5V
VNN
VPP
VNN
VDD
GND
VSIG
VOUT
1000pF
Q= 1000pF x ∆VOUT
∆VOUT
Output Voltage Spike
VPP
5V
VNN
VPP
VNN
VDD
GND
VOUT
1KΩ
RL
50Ω
+VSPK
ÐVSPK
OFF Isolation
KO = 20Log
VOUT
VIN
VIN =10VPÐP
@5MHz
VPP
5V
VNN
VPP
VNN
VDD
GND
RL
VOUT
Open
RGND
RGND
Open
RGND
RGND
RGND
RGND
RGND
RGND
HV232



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com