Electronic Components Datasheet Search
  English  ▼

X  

HV301 Datasheet(PDF) 20 Page - Supertex, Inc

Part # HV301
Description  Hotswap, Controllers with Circuit Breaker
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV301 Datasheet(HTML) 20 Page - Supertex, Inc

Back Button HV301 Datasheet HTML 13Page - Supertex, Inc HV301 Datasheet HTML 14Page - Supertex, Inc HV301 Datasheet HTML 15Page - Supertex, Inc HV301 Datasheet HTML 16Page - Supertex, Inc HV301 Datasheet HTML 17Page - Supertex, Inc HV301 Datasheet HTML 18Page - Supertex, Inc HV301 Datasheet HTML 19Page - Supertex, Inc HV301 Datasheet HTML 20Page - Supertex, Inc HV301 Datasheet HTML 21Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 20 / 21 page
background image
20
HV301/HV311
Application Information cont’d.
Latched Operation
For those applications that need to disable the automatic retry
capability, the following circuit disables the auto retry feature.
Application Circuit 17
VDD
UV
OV
VEE
SENSE GATE
RAMP
-48V
Cload
+5V
HV301 / HV311
8
3
2
COM
1
GND
PWRGD / PWRGD
ENABLE / ENABLE
DC/DC
PWM
CONVERTER
6
45
7
R1
487k
Ω
R2
6.81k
Ω
R3
9.76k
Ω
R4
12.5m
Ω
Q1
IRF530
2.5M
Ω
Note: capacitor may be needed to slow PWRGD dv/dt if
oscillations are observed when V
IN is close to OV.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com