Electronic Components Datasheet Search
  English  ▼

X  

HV301 Datasheet(PDF) 21 Page - Supertex, Inc

Part # HV301
Description  Hotswap, Controllers with Circuit Breaker
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV301 Datasheet(HTML) 21 Page - Supertex, Inc

Back Button HV301 Datasheet HTML 13Page - Supertex, Inc HV301 Datasheet HTML 14Page - Supertex, Inc HV301 Datasheet HTML 15Page - Supertex, Inc HV301 Datasheet HTML 16Page - Supertex, Inc HV301 Datasheet HTML 17Page - Supertex, Inc HV301 Datasheet HTML 18Page - Supertex, Inc HV301 Datasheet HTML 19Page - Supertex, Inc HV301 Datasheet HTML 20Page - Supertex, Inc HV301 Datasheet HTML 21Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 21 / 21 page
background image
21
HV301/HV311
1235 Bordeaux Drive, Sunnyvale, CA 94089
TEL: (408) 744-0100 • FAX: (408) 222-4895
www.supertex.com
08/26/02 rev.11b
©2002 Supertex Inc. All rights reserved. Unauthorized use or reproduction prohibited.
Package Dimensions
0
° – 8°
45
°
7
° (4 PLCS)
0.193
± 0.012
(4.90
± 0.30)
D
0.192
± 0.005
(4.89
± 0.11)
H1
0.154
± 0.004
(3.91
± 0.10)
E
0.236
± 0.008
(5.99
± 0.20)
H
0.061
± 0.008
(1.55
± 0.20)
A
0.007
± 0.003
(0.178
± 0.076)
A1
TYP.
0.050
(1.20)
e
0.016
± 0.002
(0.406
± 0.05)
B
C
0.010
± 0.002
(0.254
± 0.051)
0.035
± 0.015
(0.889
± 0.381)
L
h
0.020
± 0.009
(0.508
± 0.229)
L1
0.0275
± 0.0025
(0.698
± 0.064)
Circled letters (e.g.
denote JEDEC reference dimensons.
B
Inches
(Millimeters)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com