Electronic Components Datasheet Search
  English  ▼

X  

HV506 Datasheet(PDF) 2 Page - Supertex, Inc

Part # HV506
Description  275V 40-Channel Row Driver with SCR Outputs
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV506 Datasheet(HTML) 2 Page - Supertex, Inc

  HV506 Datasheet HTML 1Page - Supertex, Inc HV506 Datasheet HTML 2Page - Supertex, Inc HV506 Datasheet HTML 3Page - Supertex, Inc HV506 Datasheet HTML 4Page - Supertex, Inc HV506 Datasheet HTML 5Page - Supertex, Inc HV506 Datasheet HTML 6Page - Supertex, Inc HV506 Datasheet HTML 7Page - Supertex, Inc HV506 Datasheet HTML 8Page - Supertex, Inc HV506 Datasheet HTML 9Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
Electrical Characteristics
(over recommended operating conditions of VDD = 12V, LVDD = 12V, and TA = 25°C unless noted)
Symbol
Parameter
Min
Max
Units
Conditions
IDD
VDD supply current
10
mA
fCLK = 3MHz
I
DDQ
Quiescent V
DD supply current
100
µA
All V
IN = VSS or VDD
V
OH
High-level output
HV
OUT
V
DD-10
V
I
O= -300mA
Data out
10.8
V
IO= -100µA
V
OL
Low-level output
HV
OUT
V
SS+10
V
I
O= 300mA
Data out
1.2
V
I
O= 100µA
IIH
High-level logic input current
1
µAVIH = VDD
I
IL
Low-level logic input current
-1
µAVIL = VSS
I
OFF
Output OFF leakage current (High-Z)
10
µAHVOUT - VSS = 275V,
V
sub = HVOUT
10
µAVDD - HVOUT = 275V,
V
sub = VDD
Notes:
1. Only one output can be turned on at a time.
DC Characteristics
Symbol
Parameter
Min
Max
Units
Conditions
V
OH
High-level output
V
DD-10
V
I
O= -300mA
VOL
Low-level output
VSS+10
V
IO= 300mA
IL
Latching Current
15
mA
VL
Latching Voltage
100
V
IH
Holding Current
10
mA
V
H
Holding Voltage
10
V
I
OFF
Output OFF leakage current (High-Z)
10
µAHVOUT - VSS = 275V,
Vsub = HVOUT
10
µAVDD - HVOUT = 275V,
Vsub = VDD
SCR Characteristics



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com