Electronic Components Datasheet Search
  English  ▼

X  

HV506 Datasheet(PDF) 4 Page - Supertex, Inc

Part # HV506
Description  275V 40-Channel Row Driver with SCR Outputs
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV506 Datasheet(HTML) 4 Page - Supertex, Inc

  HV506 Datasheet HTML 1Page - Supertex, Inc HV506 Datasheet HTML 2Page - Supertex, Inc HV506 Datasheet HTML 3Page - Supertex, Inc HV506 Datasheet HTML 4Page - Supertex, Inc HV506 Datasheet HTML 5Page - Supertex, Inc HV506 Datasheet HTML 6Page - Supertex, Inc HV506 Datasheet HTML 7Page - Supertex, Inc HV506 Datasheet HTML 8Page - Supertex, Inc HV506 Datasheet HTML 9Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4
Symbol
Parameter
Min
Max
Units
LV
DD
Logic supply voltage
10.8
13.2
V
VDD
Output supply voltage
10.8
13.2
V
VIH
High-level input voltage
0.8LVDD
LVDD
V
V
IL
Low-level input voltage
0
0.2LV
DD
V
fCLK
Clock frequency
3
MHz
IO
High voltage output current
±300
mA
T
A
Operating free-air temperature
Plastic
-40
+85
°C
Ceramic
-55
+125
°C
IOD
Allowable pulse current through diodes
±500
mA
Notes:
The substrate pin Vsub (pin 39) must be biased for proper output breakdown voltage. Vsub ≥ VDD or HVOUT whichever is higher.
LVDD/VDD are measured with respect to LVSS/VSS.
Recommended Operating Conditions
LVDD
LVSS
Input
VDD
HVOUT
DN
DP
VSS
Logic Inputs
Data Out
Logic Data Output
High Voltage Outputs
LVDD
LVSS
Input and Output Equivalent Circuits
SCR Characteristics
VL
VH
IL
IH
I
V
HV506



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com