Electronic Components Datasheet Search
  English  ▼

X  

HV507 Datasheet(PDF) 2 Page - Supertex, Inc

Part # HV507
Description  300V, 64-Channel Serial to Parallel Converter with High Voltage Push-Pull Outputs
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV507 Datasheet(HTML) 2 Page - Supertex, Inc

  HV507 Datasheet HTML 1Page - Supertex, Inc HV507 Datasheet HTML 2Page - Supertex, Inc HV507 Datasheet HTML 3Page - Supertex, Inc HV507 Datasheet HTML 4Page - Supertex, Inc HV507 Datasheet HTML 5Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
HV507
Symbol
Parameter
Min
Typ
Max
Units
Conditions
fCLK
Clock frequency
8
MHz
tW
Clock width high and low
62
ns
t
SU
Data setup time before clock rises
35
ns
tH
Data hold time after clock rises
30
ns
t
WLE
Width of latch enable pulse
80
ns
t
DLE
LE delay time after rising edge of clock
35
ns
tSLE
LE setup time before rising edge of clock
40
ns
t
ON, tOFF
Time from latch enable to HV
OUT
4
µsCL = 20pF
t
DHL
Delay time clock to data out high to low
125
ns
C
L = 20pF
tDLH
Delay time clock to data out low to high
125
ns
CL = 20pF
t
r, tf
All logic inputs
5
ns
Note:
1. Shift register speed can be as low as DC as long as Data Set-up and Hold Time meet the spec.
Symbol
Parameter
Min
Typ
Max
Units
Conditions
IDD
VDD supply current
15
mA
fCLK = 8MHz, fDATA = 4MHz
LE = LOW
I
DDQ
Quiescent V
DD supply current
200
µA
All V
IN = 0V or VDD
IPP
High voltage supply current
0.50
mA
VPP = 300V All outputs high
0.50
mA
VPP = 300V All outputs low
I
IH
High-level logic input current
10
µAVIH = VDD
IIL
Low-level logic input current
-10
µAVIL = 0V
VOH
High-level output
HVOUT
265
V
VPP = 300V, IHVOUT = -1mA
Data out
V
DD -1V
V
ID
OUT = -100µA
VOL
Low-level output
HVOUT
35
V
VDD = 5V, IHVOUT = 1mA
Data out
1.0
V
IDOUT = 100µA
V
OC
HV
OUT clamp voltage
V
PP +1.5
V
I
OC = 1mA
-30
V
IOC = -1mA
Symbol
Parameter
Min
Typ
Max
Units
VDD
Logic supply voltage
4.5
5.0
5.5
V
V
PP
High voltage supply
60
300
V
V
IH
High-level input voltage
V
DD -0.9
V
DD
V
VIL
Low-level input voltage
0
0.9
V
T
A
Operating free-air temperature
0
+70
°C
Notes:
Power-up sequence should be the following:
1. Connect ground.
4. Apply VPP.
2. Apply VDD.5. The VPP should not drop below VDD or float during operation.
3. Set all inputs (Data, CLK, Enable, etc.) to a known state.
Power-down sequence should be the reverse of the above.
Electrical Characteristics (for V
DD = 5V, VPP = 300V, TA = 25
0C)
DC Characteristics
Recommended Operating Conditions
AC Characteristics1 (For V
DD = 5V, VPP = 300V, TA = 25°C)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com