Electronic Components Datasheet Search
  English  ▼

X  

HV507 Datasheet(PDF) 4 Page - Supertex, Inc

Part # HV507
Description  300V, 64-Channel Serial to Parallel Converter with High Voltage Push-Pull Outputs
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV507 Datasheet(HTML) 4 Page - Supertex, Inc

  HV507 Datasheet HTML 1Page - Supertex, Inc HV507 Datasheet HTML 2Page - Supertex, Inc HV507 Datasheet HTML 3Page - Supertex, Inc HV507 Datasheet HTML 4Page - Supertex, Inc HV507 Datasheet HTML 5Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
HV507
HVOUT2
•
•
•
60 Additional
Outputs
•
•
•
POL
BL
LE
CLK
64-bit
Static Shift
Register
64 Latches
HVOUT63
VPP
HVOUT1
DIR
DIOA
DIOB
HVOUT64
L/T
L/T
L/T
L/T
Functional Block Diagram
Inputs
Outputs
Function
Shift Reg
HV Outputs
Data Out
12…64
1
2…64
*
All on
X
X
X
L
L
X
*
*…*H
H…H*
All off
X
X
X
L
H
X
*
*…*L
L…L*
Invert mode
X
X
L
H
L
X
*
*…**
*…**
Load S/R
H or L
↑
LH
H
X
H or L *…**
*…**
Store data
XX
↓
HH
X
*
*…**
*…**
in latches
XX
↓
HL
X
*
*…**
*…**
Transparent
L
↑
HHH
X
L
*…*L
*…**
latch mode
H
↑
HHH
X
H
*…*H
*…**
D
IOA
↑
XXX
L
Q
n→
Q
n-1
—D
IOB
D
IOB
↑
XXX
H
Q
n→
Q
n+1
—D
IOA
Notes:
H = high level, L = low level, X = irrelevant, ↑ = low-to-high transition, ↓ = high-to-low transition.
* = dependent on previous stage’s state before the last CLK or last LE high.
Data
CLK
LE
BL
POL
DIR
I/O relation
Function Table
L/T = Level Translator



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com