Electronic Components Datasheet Search
  English  ▼

X  

HV508 Datasheet(PDF) 1 Page - Supertex, Inc

Part # HV508
Description  High Voltage Liquid Crystal Shutter Driver
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV508 Datasheet(HTML) 1 Page - Supertex, Inc

  HV508 Datasheet HTML 1Page - Supertex, Inc HV508 Datasheet HTML 2Page - Supertex, Inc HV508 Datasheet HTML 3Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
12/13/01
Supertex Inc. does not recommend the use of its products in life support applications and will not knowingly sell its products for use in such applications unless it receives an adequate "products liability
indemnification insurance agreement." Supertex does not assume responsibility for use of devices described and limits its liability to the replacement of devices determined to be defective due to
workmanship. No responsibility is assumed for possible omissions or inaccuracies. Circuitry and specifications are subject to change without notice. For the latest product specifications, refer to the
Supertex website: http://www.supertex.com. For complete liability information on all Supertex products, refer to the most current databook or to the Legal/Disclaimer page on the Supertex website.
1
2
3
4
8
7
6
5
Device
HV
IN Maximum Voltage
Package Options
SO-8
HV508
45V
HV508LG
HV508
High Voltage Liquid Crystal
Shutter Driver
Ordering Information
General Description
The Supertex HV508 is a 45V liquid crystal shutter driver in an SO-
8 surface mount package. It consist of two outputs that provide
square waves of opposite phase. The liquid crystal shutter is
connected between the two outputs. Its equivalent load can be
approximated as a resistor in parallel with a capacitor. Minimum
resistance is 1.0MΩ and maximum capacitance is 0.1µF.
The HV508 has three input supply voltages, HV
IN, LVIN, and VDD.
The output’s amplitude will be either LV
IN or HVIN. A logic high on
the HV
EN input will set the output to operate from the HVIN supply.
A logic low on the HV
EN input will set the output to operate from the
LV
IN supply.
The output frequency is set by the logic input fre-
quency applied on the POL input.
Features
❏ HVCMOStechnology for high performance
❏ Logic-selectable output voltage
❏ 100nF drive capability
❏ Up to 90V
P-P
❏ 25µs response time
Absolute Maximum* Ratings
HV
IN, high voltage input
+60V
LV
IN, low voltage input
+7.5V
V
DD, logic supply voltage
+12V
Continuous total power dissipation
700mW
Operating temperature
-5°C to +60°C
Storage temperature
–65°C to +150°C
Soldering temperature
+300°C
* All voltages are referenced to GND.
For operation above 25°C ambient derate linearly at 6mW/°C.
Pin Configuration
LV
IN
HV
OUT1
POL
HV
IN
HV
EN
V
DD
GND
HV
OUT2
top view
SO-8


Similar Part No. - HV508

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV508 SUTEX-HV508 Datasheet
417Kb / 4P
High Voltage Liquid Crystal Shutter Driver
HV508LG-G SUTEX-HV508LG-G Datasheet
417Kb / 4P
High Voltage Liquid Crystal Shutter Driver
HV508LG-G SUTEX-HV508LG-G Datasheet
582Kb / 4P
High Voltage, Liquid Crystal Shutter Driver
HV508 SUTEX-HV508_13 Datasheet
582Kb / 4P
High Voltage, Liquid Crystal Shutter Driver
More results

Similar Description - HV508

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
MM145453 NSC-MM145453 Datasheet
100Kb / 5P
Liquid Crystal Display Driver
MM5483 NSC-MM5483 Datasheet
136Kb / 6P
MM5483 Liquid Crystal Display Driver
MM5483 NSC-MM5483_02 Datasheet
172Kb / 7P
Liquid Crystal Display Driver
MM145453 NSC-MM145453_00 Datasheet
117Kb / 5P
Liquid Crystal Display Driver
logo
Texas Instruments
MM145453VX TI-MM145453VX Datasheet
196Kb / 10P
Liquid Crystal Display Driver
logo
Supertex, Inc
HV508LG-G SUTEX-HV508LG-G Datasheet
417Kb / 4P
High Voltage Liquid Crystal Shutter Driver
logo
Texas Instruments
MM5483 TI1-MM5483 Datasheet
330Kb / 11P
Liquid Crystal Display Driver
logo
Supertex, Inc
HV508 SUTEX-HV508_13 Datasheet
582Kb / 4P
High Voltage, Liquid Crystal Shutter Driver
logo
Maxim Integrated Produc...
MAX14515 MAXIM-MAX14515 Datasheet
208Kb / 14P
High-Voltage Liquid Lens Driver
Rev 0; 8/08
logo
Toshiba Semiconductor
TC4055BP TOSHIBA-TC4055BP Datasheet
139Kb / 5P
LIQUID-CRYSTAL DISPLAY DRIVER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com