Electronic Components Datasheet Search
  English  ▼

X  

HV508 Datasheet(PDF) 3 Page - Supertex, Inc

Part # HV508
Description  High Voltage Liquid Crystal Shutter Driver
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV508 Datasheet(HTML) 3 Page - Supertex, Inc

  HV508 Datasheet HTML 1Page - Supertex, Inc HV508 Datasheet HTML 2Page - Supertex, Inc HV508 Datasheet HTML 3Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
1235 Bordeaux Drive, Sunnyvale, CA 94089
TEL: (408) 744-0100 • FAX: (408) 222-4895
www.supertex.com
12/13/010
©2001 Supertex Inc. All rights reserved. Unauthorized use or reproduction prohibited.
HV508
Timing Diagram
Block Diagram
LVIN
HVIN
VDD
HVEN
POL
GND
CMOS
Logic
Level
Translator
Level
Translator
Level
Translator
Level
Translator
HVOUT1
HVOUT2
GND
50%
80%
5%
50%
t(OFF)
t(ON)
POL
HVOUT1
VIL
VIH
VIN
or LVIN
Figure 1
LVIN
50%
80%
tEN(ON)
HVEN
HVOUT1
VIL
VIH
HVIN
Figure 2
Truth Table
HV
EN
POL
HV
OUT1
HV
OUT2
HH
HV
IN
GND
HL
GND
HV
IN
LH
LV
IN
GND
LL
GND
LV
IN



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com