Electronic Components Datasheet Search
  English  ▼

X  

SCG2020 Datasheet(PDF) 11 Page - Connor-Winfield Corporation

Part # SCG2020
Description  Synchronous Clock Generators
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONNOR-WINFIELD [Connor-Winfield Corporation]
Direct Link  http://www.conwin.com
Logo CONNOR-WINFIELD - Connor-Winfield Corporation

SCG2020 Datasheet(HTML) 11 Page - Connor-Winfield Corporation

Back Button SCG2020 Datasheet HTML 7Page - Connor-Winfield Corporation SCG2020 Datasheet HTML 8Page - Connor-Winfield Corporation SCG2020 Datasheet HTML 9Page - Connor-Winfield Corporation SCG2020 Datasheet HTML 10Page - Connor-Winfield Corporation SCG2020 Datasheet HTML 11Page - Connor-Winfield Corporation SCG2020 Datasheet HTML 12Page - Connor-Winfield Corporation SCG2020 Datasheet HTML 13Page - Connor-Winfield Corporation SCG2020 Datasheet HTML 14Page - Connor-Winfield Corporation SCG2020 Datasheet HTML 15Page - Connor-Winfield Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
Data Sheet #: SG035
Page 11 of 20
Rev: 00
Date: 08/23/04
© Copyright 2004 The Connor-Winfield Corp.
All Rights Reserved Specifications subject to change without notice
Alarm Timing Diagram
Figure 14
LOL
Output
Phase
Detector
External
Reference
Internal
Reference
LOR
Output
4
2
2
2
2
2
2
2
2
2
2
2
2
2
2
3
2
Start-up
Region
Start-up Region
LOL
Output
Phase
Detector
External
Reference
Internal
Reference
LOR
Output
3
3
2
2
2
2
2
2
2
2
2
2
1
1
1
1
2
2
1
1
2
2
1
5
1
19.44 MHz &77.76 MHz
Reference Input Units
8 kHz Reference Input Units
< 31.25
µsec
31.25
µsec
> 31.25
µsec
< 1
µsec
> 1
µsec
1
µsec
2
3
4
125
µsec wide range
LOR is active when LOL is active
5
Minimum pulse width = 2
µsec
Minimum pulse width = 62.5
µsec
During Start-up, The LOL Alarm will pulse
during the first second of operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com