Electronic Components Datasheet Search
  English  ▼

X  

SCG2020 Datasheet(PDF) 4 Page - Connor-Winfield Corporation

Part # SCG2020
Description  Synchronous Clock Generators
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONNOR-WINFIELD [Connor-Winfield Corporation]
Direct Link  http://www.conwin.com
Logo CONNOR-WINFIELD - Connor-Winfield Corporation

SCG2020 Datasheet(HTML) 4 Page - Connor-Winfield Corporation

  SCG2020 Datasheet HTML 1Page - Connor-Winfield Corporation SCG2020 Datasheet HTML 2Page - Connor-Winfield Corporation SCG2020 Datasheet HTML 3Page - Connor-Winfield Corporation SCG2020 Datasheet HTML 4Page - Connor-Winfield Corporation SCG2020 Datasheet HTML 5Page - Connor-Winfield Corporation SCG2020 Datasheet HTML 6Page - Connor-Winfield Corporation SCG2020 Datasheet HTML 7Page - Connor-Winfield Corporation SCG2020 Datasheet HTML 8Page - Connor-Winfield Corporation SCG2020 Datasheet HTML 9Page - Connor-Winfield Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
Data Sheet #: SG035
Page 4 of 20
Rev: 00
Date: 08/23/04
© Copyright 2004 The Connor-Winfield Corp. All Rights Reserved Specifications subject to change without notice
Absolute Maximum Rating
Table 3
All SCG2000 Models
Symbol
Parameter
Minimum
Nominal
Maximum
Units
Notes
Vcc
Power Supply Voltage
-0.5
4
Volts
V1
Input Voltage
-0.5
5.5
Volts
Ts
Storage Temperature
-65
150
deg. C
Input And Output Characteristics
Table 5
All SCG2000 Models
Symbol
Parameter
Minimum
Nominal
Maximum
Units
Notes
V
IH
High Level Input Voltage
2
5.5
V
V
IL
Low Level Input Voltage
0
0.8
V
T
IO
I/O to Output Valid
10
nS
C
O
Output Capacitance
10
pF
V
HO
High Level Output Voltage l
oH = -4mA
2.4
Vcc Min.
V
IO
Low Level Output Voltage l
oL = 8mA
0.4
Vcc Max.
T
IR
Input Reference Signal Pulse Width
30
nS
Specifications
Table 4
All SCG2000 Models
Parameter
Specifications
Notes
Voltage
3.3V ±5%
1.0
Current
100 mA Typical
Temperature Range
0 to 70°C
Input Jitter Tolerance
≥31.25us Typical (SCG2000, SCG2030, SCG2050)
(Input Jitter Frequencies > 10 Hz)
>1 us Typical (SCG2010, SCG2015, SCG2020, SCG2070)
Jitter Bandwidth
<15 Hz
Acquisition Time
Approx 1.0 second
2.0
Capture/Pull-in Range
±25 ppm Minimum
Output Duty Cycle
40/60 % Min/Max @ 50% Level
Output Rise and Fall Time
3 ns @ 20% to 80% output level
Output Load
30 pF
Alarms
LOR, LOL Status on seperate outputs
Free Run Accuracy
±20 ppm
Package
Fr4 SM 0.78" x .83" x 0.35" (maximum)
TDEV
60 ps Typical
MTIE
750 ps Typical
Reference Output/Oscillator Output Offset
≤ 8 ns
Static Offset
± 26 ns Maximum
3.0, 5.0
Dynamic Offset
± 20 ns Maximum
4.0, 5.0
NOTES:
1.0: Requires external regulation
`
2.0: From a 20 ppm offset in reference frequency
3.0: Offset between Reference Input and Reference Output @ room temp.
4.0: Offset change between Reference Input and Reference Output over temperature range from room temperature.
5.0: The SCG2015 will maintain an offset/skew, between the reference input and the oscillator output, of X ± 1ns. X is TBD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com