Electronic Components Datasheet Search
  English  ▼

X  

HV583 Datasheet(PDF) 3 Page - Supertex, Inc

Part # HV583
Description  128 Channel Serial to Parallel Converter with Push-Pull Outputs
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV583 Datasheet(HTML) 3 Page - Supertex, Inc

  HV583 Datasheet HTML 1Page - Supertex, Inc HV583 Datasheet HTML 2Page - Supertex, Inc HV583 Datasheet HTML 3Page - Supertex, Inc HV583 Datasheet HTML 4Page - Supertex, Inc HV583 Datasheet HTML 5Page - Supertex, Inc HV583 Datasheet HTML 6Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
HV583
Symbol
Parameter
Min
Typ
Max
Units
Conditions
twclk
Clock pulse width, high and low
10
ns
V
DD =4.5V to 5.5V,
Tj=-25
°C to 125°C
twLE
LE pulse width, high and low
10
ns
tsu1
Setup time, DAs, DBs to clk
5
ns
tsu2
Setup time, clk to LE
10
ns
tsu3
Setup time, LE to OL, OH
25
ns
th1
Hold time, clk to DAs, DBs
5
ns
th2
Hold time, LE to clk
10
ns
tpdHL
Clk to DAs, DBs
25
ns
C=15pF
tpdLH
Clk to DAs, DBs
25
ns
C=15pF
tpHL
LE, OH, OL to HVout
150
ns
C=50pF
tpLH
LE, OH, OL to HVout
Typ -20 tpHL+tf Typ +40
ns
C=80pF
tpHZL
OE to HVout
150
ns
C=50pF
tpLZH
OE to HVout
Typ -20 tpHL+tf Typ +40
ns
C=80pF
tpHZ
OE to HVout
300
ns
Rl=10K, C=50pF
tpLZ
OE to HVout
300
ns
Rl=10K, C=50pF
tr
HVout
120
ns
C=50pF
tf
HVout
120
ns
C=50pF
AC Electrical Characteristics (Tj = 25°C, V
DD = 5V, VPP = 80V)
V
DD =4.5V to 5.5V,
Tj=-25
°C to 125°C
Shift Register Truth Table
DIR
Clk
State of Shift Register
Shift Direction
L or open
L to H
Shift
D
XB to DXA
L or open
H to L
Hold
D
XB to DXA
HL to H
Shift
D
XA to DXB
HH to L
Hold
D
XA to DXB
Latch Truth Table
LE
Output State of Latch
L to H
Latch execution
H to L
Hold
HVout Truth Table
OE
OL
OH
DA/DB
HVout
LX
X
X
Z
HL
X
X
L
HH
L
X
H
HH
H
L
L
HH
HHH
H = Level High
L = Level Low
X = Don’t care. Can be High or Low
Z = High impedance. Open circuit.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com