Electronic Components Datasheet Search
  English  ▼

X  

ASP-150 Datasheet(PDF) 1 Page - Mean Well Enterprises Co., Ltd.

Part # ASP-150
Description  150W Single Output with PFC Function
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

ASP-150 Datasheet(HTML) 1 Page - Mean Well Enterprises Co., Ltd.

  ASP-150 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. ASP-150 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
150WSingleOutputwithPFCFunction
A S P - 1 5 0 series
Universal AC input / Full range
Built-in active PFC function, PF>0.95
Protections: Short circuit / Overload / Over voltage / Over temperature
Cooling by free air convection
High power density 8.4w/in
100% full load burn-in test
No load power consumption<1W@240VAC
ZCS/ZVS technology to reduce power dissipation
3 years warranty
3
Features :
SPECIFICATION
OVERTEMPERATURE
90
15
(RTH2)detectonheatsinkofpowertransistor
Protectiontype:Shutdowno/pvoltage,re-powerontorecover
Fixed.Canbemodifiedbetweentherangeabovebyfactory
ASP-150-12
ASP-150-15
ASP-150-20
ASP-150-24
ASP-150-48
MODEL
DCVOLTAGE
RATEDCURRENT
CURRENTRANGE
RATEDPOWER
OUTPUT
VOLTAGE ADJ.RANGE
LINEREGULATION
LOADREGULATION
SETUP,RISETIME
HOLDUP TIME (Typ.)
VOLTAGERANGE
FREQUENCY RANGE
POWERFACTOR (Typ.)
EFFICIENCY (Typ.)
INPUT
INRUSHCURRENT (Typ.)
LEAKAGECURRENT
WORKINGHUMIDITY
WORKINGTEMP.
STORAGETEMP.,HUMIDITY
TEMP.COEFFICIENT
VIBRATION
MTBF
DIMENSION
OTHERS
NOTE
PACKING
OVERLOAD
OVERVOLTAGE
ACCURRENT (Typ.)
12V
15V
20V
24V
48V
11A
9.5A
7.5A
6.3A
0~6.3A
151.2W
3.2A
0~11A
0~9.5A
0~7.5A
0~3.2A
132W
142.5W
150W
153.6W
150mVp-p
180mVp-p
200mVp-p
240mVp-p
240mVp-p
11~13.2V
14~17V
17~22V
22~27V
45.6~52.8V
2.0%
2.0%
1.0%
1.0%
1.0%
0.5%
0.5%
0.5%
0.5%
1.0%
0.5%
0.5%
0.5%
1.0%
0.5%
3000ms,80msatfullload
50ms/230VAC
16ms/115VACatfullload
90~264VAC127~370VDC
47~63Hz
PF
0.95/230VACPF
0.98/115VAC atfullload
88%
88%
90%
17.5~20.25V
22.5~28V
90%
27.5~32.4V
89%
53.3~64.8V
2A/115VAC1A/230VAC
COLDSTART 80A/230VAC
<2mA /240VAC
105~135% ratedoutputpower
13.7~16.2V
Protectiontype:Hiccupmode,recoversautomaticallyafterfaultconditionisremoved
Protectiontype:Shutdowno/pvoltage,re-powerontorecover
20~90%RHnon-condensing
-20~+60
(Refertooutputloadderatingcurve)
-20~+85
,10~95%RH
0.05%/
(0~50
10~500Hz,2G10min./1cycle,periodfor60min. eachalongX, Y,Zaxes
149.3Khrsmin.MIL-HDBK-217F(25
)
169*60.7*28.5mm(L*W*H)
0.32Kg;48pcs/15.8Kg/0.79CUFT
SAFETY STANDARDS
HARMONICCURRENT
EMSIMMUNITY
UL60950-1,CB(IEC60950-1)approved
CompliancetoEN55022(CISPR22)ClassB
Complianceto EN61000-3-2,-3
CompliancetoEN61000-4-2,3,4,5,6,8,11;ENV50204,lightindustrylevel,criteria A
EMICONDUCTION&RADIATION
ENVIRONMENT
SAFETY &
EMC
(Note4)
PROTECTION
RIPPLE&NOISE(max.) Note.2
VOLTAGETOLERANCE Note.3
WITHSTANDVOLTAGE
ISOLATIONRESISTANCE
I/P-O/P:4.25KVDCI/P-FG:1.5KVACO/P-FG:0.5KVAC
I/P-O/P,I/P-FG,O/P-FG:100MOhms/500VDC /25
/70%RH
1. All parameters NOT specially mentioned are measured at 230VAC input, rated load and 25
of ambient temperature.
2. Ripple & noise are measured at 20MHz of bandwidth by using a 12" twisted pair-wire terminated with a 0.1uf & 47uf parallel capacitor.
3. Tolerance : includes set up tolerance, line regulation and load regulation.
4. The power supply is considered a component which will be installed into a final equipment. The final equipment must be re-confirmed that it still meets
EMC directives.
FileName:ASP-150-SPEC2008-09-22


Similar Part No. - ASP-150

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
ASP-150 MEANWELL-ASP-150 Datasheet
282Kb / 2P
150W Single Output with PFC Function
ASP-150-12 MEANWELL-ASP-150-12 Datasheet
282Kb / 2P
150W Single Output with PFC Function
ASP-150-15 MEANWELL-ASP-150-15 Datasheet
282Kb / 2P
150W Single Output with PFC Function
ASP-150-20 MEANWELL-ASP-150-20 Datasheet
282Kb / 2P
150W Single Output with PFC Function
ASP-150-24 MEANWELL-ASP-150-24 Datasheet
282Kb / 2P
150W Single Output with PFC Function
More results

Similar Description - ASP-150

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
LPP-150 MEANWELL-LPP-150 Datasheet
284Kb / 2P
150W Single Output with PFC Function
ASP-150 MEANWELL-ASP-150_10 Datasheet
282Kb / 2P
150W Single Output with PFC Function
ASP-150 MEANWELL-ASP-150_11 Datasheet
281Kb / 2P
150W Single Output with PFC Function
SPB-150 MEANWELL-SPB-150_11 Datasheet
341Kb / 3P
150W Single Output with PFC Function
HRPG-150 MEANWELL-HRPG-150_11 Datasheet
354Kb / 3P
150W Single Output with PFC Function
RSP-150 MEANWELL-RSP-150 Datasheet
146Kb / 2P
150W Single Output with PFC Function
EPP-150 MEANWELL-EPP-150_13 Datasheet
1Mb / 3P
150W SINGLE OUTPUT WITH PFC FUNCTION
logo
Astrodyne Corporation
SP150DRL ASTRODYNE-SP150DRL Datasheet
426Kb / 5P
150W Single Output with PFC Function
logo
Mean Well Enterprises C...
HRPG-150 MEANWELL-HRPG-150 Datasheet
583Kb / 3P
150W Single Output with PFC Function
HSP-150 MEANWELL-HSP-150 Datasheet
89Kb / 2P
150W Single Output with PFC Function
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com