Electronic Components Datasheet Search
  English  ▼

X  

ASP-150 Datasheet(PDF) 2 Page - Mean Well Enterprises Co., Ltd.

Part # ASP-150
Description  150W Single Output with PFC Function
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

ASP-150 Datasheet(HTML) 2 Page - Mean Well Enterprises Co., Ltd.

  ASP-150 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. ASP-150 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
BlockDiagram
MechanicalSpecification
DeratingCurve
OutputDeratingVSInputVoltage
FileName:ASP-150-SPEC2008-09-22
Unit:mm
AMBIENTTEMPERATURE(
)
INPUTVOLTAGE(V)60Hz
90
100
110
135
155
230
264
100
90
80
70
60
50
40
-20
0
10
20
30
40
50
60
70
20
40
60
80
100
DETECTION
PWM
CIRCUIT
O.L.P.
EMIFILTER
RECTIFIERS
CIRCUIT
CONTROL
POWER
SWITCHING
FILTER
&
RECTIFIERS
+V
-V
I/P
FG
CONTROL
O.V.P.
&
PFC
PFC
Ta=25
ACInputConnector(CN1):JST B5P-VHorequivalent
PinNo.
1
3
5
2,4
Assignment
AC/L
AC/N
FG
NoPin
MatingHousing
JST VHR
JST SVH-21T-P1.1
orequivalent
orequivalent
Terminal
DCOutputConnector(CN2):JST B6P-VHorequivalent
PinNo.
1,2,3
4,5,6
Assignment
-V
+V
MatingHousing
JST VHR
orequivalent
Terminal
JST SVH-21T-P1.1
orequivalent
LED
FS1
160.5
169
3.5
CN1
1
2
4
3
5
CN2
4-
3.3
5
3
4
2
1
6
(HORIZONTAL)
150WSingleOutputwithPFCFunction
A S P - 1 5 0 series



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com