Electronic Components Datasheet Search
  English  ▼

X  

HV66 Datasheet(PDF) 1 Page - Supertex, Inc

Part # HV66
Description  32-Channel LCD Driver with Separate Backplane Output
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV66 Datasheet(HTML) 1 Page - Supertex, Inc

  HV66 Datasheet HTML 1Page - Supertex, Inc HV66 Datasheet HTML 2Page - Supertex, Inc HV66 Datasheet HTML 3Page - Supertex, Inc HV66 Datasheet HTML 4Page - Supertex, Inc HV66 Datasheet HTML 5Page - Supertex, Inc HV66 Datasheet HTML 6Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
02/96/022
Supertex Inc. does not recommend the use of its products in life support applications and will not knowingly sell its products for use in such applications unless it receives an adequate "products liability
indemnification insurance agreement." Supertex does not assume responsibility for use of devices described and limits its liability to the replacement of devices determined to be defective due to
workmanship. No responsibility is assumed for possible omissions or inaccuracies. Circuitry and specifications are subject to change without notice. For the latest product specifications, refer to the
Supertex website: http://www.supertex.com. For complete liability information on all Supertex products, refer to the most current databook or to the Legal/Disclaimer page on the Supertex website.
Device
Features
❏ Processed with HVCMOS® technology
❏ 32 push-pull CMOS output up to 32V
❏ Low power level shifting
❏ Source/sink current minimum 1mA
❏ Shift register speed 5MHz
❏ Latched data outputs
❏ Bidirectional shift register (DIR)
❏ Backplane output
32-Channel LCD Driver
with Separate Backplane Output
HV66
General Description
Not recommended for new designs.
The HV66 is a low-voltage serial to high-voltage parallel converter
with push-pull outputs. This device has been designed for use as
a driver circuit for LCD displays. It can also be used in any
application requiring multiple output high-voltage current sourc-
ing and sinking capabilities. The inputs are fully CMOS compat-
ible.
The device consists of a 32-bit shift register, 32 latches, and
control logic to perform blanking and polarity control of the
outputs. HVout1 is connected to the first stage of the shift register.
Data is shifted through the shift register on the logic rising
transition of the clock. A DIR pin causes data shifting counter-
clockwise when grounded and clockwise when connected to V
DD.
A data output buffer is provided for cascading devices. This output
reflects the current status of the last bit of the shift register.
Operation of the shift register is not affected by the LE (latch
enable), BL (blank) or the POL (polarity) inputs. Transfer of data
from the shift register to the latch occurs when the LE (latch
enable) input is high. The data in the latch is stored after LE
transitions from high to low.
The blank signal, BL, when pulled low, will set all outputs to the
same state as the BPOUT. If this signal is left open then the BL
defaults to a high state.
Ordering Information
Package Options
44 Lead Quad
44 J-Lead Quad
Die
Plastic Gullwing
Plastic Chip Carrier
in waffle pack
HV66
HV66PG
HV66PJ
HV66X
Absolute Maximum Ratings1
Supply voltage, VDD
2
-0.5V to +7.0V
Output voltage, V
PP
2
-0.5V to +35V
Logic input levels2
-0.5V to V
DD + 0.5V
Ground current3
1.5A
Continuous total power dissipation4
1200mW
Operating temperature range
-40°C to +85°C
Storage temperature range
-65°C to +125°C
Lead temperature 1.6mm (1/16 inch)
260°C
from case for 10 seconds
Notes:
1. Device will survive (but operation may not be specified or guaranteed) at
these extremes.
2. All voltages are referenced to VSS.
3. Duty cycle is limited by the total power dissipated in the package.
4. For operation above 25°C ambient derate linearly to 85°C at 20mW/°C.


Similar Part No. - HV66

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV66 SUTEX-HV66 Datasheet
557Kb / 8P
32-Channel LCD Driver with Separate Backplane Output
HV66PG SUTEX-HV66PG Datasheet
557Kb / 8P
32-Channel LCD Driver with Separate Backplane Output
HV66PG-G SUTEX-HV66PG-G Datasheet
761Kb / 7P
32-Channel LCD Driver with Separate Backplane Output
HV66PG-GM919 SUTEX-HV66PG-GM919 Datasheet
761Kb / 7P
32-Channel LCD Driver with Separate Backplane Output
HV66PJ SUTEX-HV66PJ Datasheet
557Kb / 8P
32-Channel LCD Driver with Separate Backplane Output
More results

Similar Description - HV66

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM5238 OKI-MSM5238 Datasheet
122Kb / 12P
32-DOT LCD COMMON DRIVER
logo
Microchip Technology
AY0438 MICROCHIP-AY0438 Datasheet
148Kb / 11P
32-Segment CMOS LCD Driver
1995 - 2002
logo
Supertex, Inc
HV66 SUTEX-HV66_07 Datasheet
557Kb / 8P
32-Channel LCD Driver with Separate Backplane Output
HV6506 SUTEX-HV6506 Datasheet
73Kb / 5P
32-Channel LCD Driver with Separate Backplane Output
logo
Microchip Technology
AY0438-I MICROCHIP-AY0438-I Datasheet
154Kb / 11P
32-Segment CMOS LCD Driver
1995-2002
AY0438 MICROCHIP-AY0438 Datasheet
84Kb / 11P
32-Segment CMOS LCD Driver
03/01/02
AY0438 MICROCHIP-AY0438 Datasheet
84Kb / 11P
32-Segment CMOS LCD Driver
03/01/02
logo
Supertex, Inc
HV66 SUTEX-HV66_13 Datasheet
761Kb / 7P
32-Channel LCD Driver with Separate Backplane Output
logo
Dialog Semiconductor
IW7032 DIALOG-IW7032 Datasheet
1Mb / 31P
32-Channel LED Driver for LCD Panel Backlighting
logo
List of Unclassifed Man...
ILI6122 ETC1-ILI6122 Datasheet
1Mb / 57P
1200-Output Channel TFT LCD Source Driver with TCON
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com