Electronic Components Datasheet Search
  English  ▼

X  

HV66 Datasheet(PDF) 5 Page - Supertex, Inc

Part # HV66
Description  32-Channel LCD Driver with Separate Backplane Output
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV66 Datasheet(HTML) 5 Page - Supertex, Inc

  HV66 Datasheet HTML 1Page - Supertex, Inc HV66 Datasheet HTML 2Page - Supertex, Inc HV66 Datasheet HTML 3Page - Supertex, Inc HV66 Datasheet HTML 4Page - Supertex, Inc HV66 Datasheet HTML 5Page - Supertex, Inc HV66 Datasheet HTML 6Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
HV66
21
6
40
41
42
43
44
1
2
3
4
5
39 38 37 36 35 34
33
32
31
30
29
18
22
20
19
7
8
9
10
11
12 13 14 15 16 17
top view
44-pin PQFP Package
28
27
26
25
24
23
Pin Configuration
HV66
44 Pin Plastic Gullwing (QFP) Package
Pin
Function
Pin
Function
1HV
OUT22/11
23
Data Out
2HV
OUT21/12
24
GND
3HVOUT20/13
25
N/C
4HV
OUT19/14
26
BL
5HV
OUT18/15
27
POL
6HVOUT17/16
28
LE
7HV
OUT16/17
29
V
DD
8HV
OUT15/18
30
Clock
9HVOUT14/19
31
DIR
10
HV
OUT13/20
32
Data In
11
HV
OUT12/21
33
V
PP
12
HVOUT11/22
34
BP Out
13
HV
OUT10/23
35
HV
OUT32/1
14
HV
OUT9/24
36
HV
OUT31/2
15
HVOUT8/25
37
HVOUT30/3
16
HV
OUT7/26
38
HV
OUT29/4
17
HV
OUT6/27
39
HV
OUT28/5
18
HVOUT5/28
40
HVOUT27/6
19
HV
OUT4/29
41
HV
OUT26/7
20
HV
OUT3/30
42
HV
OUT25/8
21
HVOUT2/31
43
HVOUT24/9
22
HV
OUT1/32
44
HV
OUT23/10
Note:
Pin designation for DIR = H/L
Example: for DIR = H, Pin 1 is HVOUT 22
for DIR = L, Pin 1 is HVOUT 11
Package Outline



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com