Electronic Components Datasheet Search
  English  ▼

X  

HV7224 Datasheet(PDF) 3 Page - Supertex, Inc

Part # HV7224
Description  40-Channel Symmetric Row Driver
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV7224 Datasheet(HTML) 3 Page - Supertex, Inc

  HV7224 Datasheet HTML 1Page - Supertex, Inc HV7224 Datasheet HTML 2Page - Supertex, Inc HV7224 Datasheet HTML 3Page - Supertex, Inc HV7224 Datasheet HTML 4Page - Supertex, Inc HV7224 Datasheet HTML 5Page - Supertex, Inc HV7224 Datasheet HTML 6Page - Supertex, Inc HV7224 Datasheet HTML 7Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
HV7224
VDD
Input
GND
(Logic)
VPP
GND
(Power)
HVOUT
Logic Inputs
GND
(Logic)
Data Out
Logic Data Output
High Voltage Outputs
VDD
Symbol
Parameter
Min
Max
Units
V
DD
Logic supply voltage
4.5
5.5
V
VPP
High voltage supply†
0
240
V
VIH
High-level input voltage
0.7 VDD
VDD
V
V
IL
Low-level input voltage
0
0.2V
DD
V
fCLK
Clock frequency
3
MHz
IO
High voltage output current
±70
mA
T
A
Operating free-air temperature
Plastic
-40
+85
°C
Ceramic
-55
+125
°C
IOD
Allowable pulse current through output diode
±300
mA
Notes:
† Output will not switch at V
PP = 0V.
Power-up sequence should be the following:
1. Connect ground.
2. Apply VDD.
3. Set all inputs (Data, CLK, Enable, etc.) to a known state.
4. Apply VPP.
5. The VPP should not drop below VDD or float during operation.
Power-down sequence should be the reverse of the above.
Recommended Operating Conditions
Input and Output Equivalent Circuits



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com