Electronic Components Datasheet Search
  English  ▼

X  

HV830 Datasheet(PDF) 1 Page - Supertex, Inc

Part # HV830
Description  High Voltage EL Lamp Driver
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV830 Datasheet(HTML) 1 Page - Supertex, Inc

  HV830 Datasheet HTML 1Page - Supertex, Inc HV830 Datasheet HTML 2Page - Supertex, Inc HV830 Datasheet HTML 3Page - Supertex, Inc HV830 Datasheet HTML 4Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
High Voltage EL Lamp Driver
HV830
Features
❏ Processed with HVCMOS® technology
❏ 2.0V to 9.5V operating supply voltage
❏ DC to AC conversion
❏ 200V peak-to-peak typical output voltage
❏ Large output load capability – typically 50nF
❏ Permits the use of high-resistance elastomeric lamp
connectors
❏ Adjustable output lamp frequency to control lamp color,
lamp life, and power consumption
❏ Adjustable converter frequency to eliminate harmonics and
optimize power consumption
❏ Enable/disable function
❏ Low current draw under no load condition
❏ Very low standby current – 30nA typical
General Description
The Supertex HV830 is a high-voltage driver designed for driving
EL lamps of up to 50nF. EL lamps greater than 50nF can be
driven for applications not requiring high brightness. The input
supply voltage range is from 2.0V to 9.5V. The device uses a
single inductor and a minimum number of passive components.
The nominal regulated output voltage that is applied to the EL
lamp is
±100V. The chip can be enabled by connecting the
resistors on R
SW-osc and REL-osc to VDD and disabled when
connected to GND.
The HV830 has two internal oscillators, a switching MOSFET,
and a high-voltage EL lamp driver. The frequency for the switch-
ing converter MOSFET is set by an external resistor connected
between the R
SW-osc pin and the supply pin VDD. The EL lamp
driver frequency is set by an external resistor connected be-
tween REL-osc pin and the VDD pin. An external inductor is
connected between the L
x and VDD pins. A 0.01µF to 0.1µF
capacitor is connected between C
S and GND. The EL lamp is
connected between VA and VB.
The switching MOSFET charges the external inductor and
discharges it into the Cs capacitor. The voltage at Cs will start to
increase. Once the voltage at C
s reaches a nominal value of
100V, the switching MOSFET is turned OFF to conserve power.
The outputs VA and VB are configured as an H-bridge and are
switched in opposite states to achieve 200V peak-to-peak across
the EL lamp.
Pin Configuration
Applications
❏ Handheld personal computers
❏ Electronic personal organizers
❏ GPS units
❏ Pagers
❏ Cellular phones
❏ Portable instrumentation
Absolute Maximum Ratings*
Supply Voltage, VDD
-0.5V to +10V
Output Voltage, V
Cs
-0.5V to +120V
Operating Temperature Range
-25
°C to +85°C
Storage Temperature Range
-65
°C to +150°C
Power Dissipation
400mW
Note:
*All voltages are referenced to GND.
Package Options
Device
Input Voltage
8-Lead SO
Die
HV830
2.0V to 9.5V
HV830LG
HV830X
Ordering Information
V
DD
R
EL-osc
R
SW-osc
V
A
Cs
VB
L
x
GND
1
2
3
4
8
7
6
5
SO-8
11/12/01
Supertex Inc. does not recommend the use of its products in life support applications and will not knowingly sell its products for use in such applications unless it receives an adequate "products liability
indemnification insurance agreement." Supertex does not assume responsibility for use of devices described and limits its liability to the replacement of devices determined to be defective due to
workmanship. No responsibility is assumed for possible omissions or inaccuracies. Circuitry and specifications are subject to change without notice. For the latest product specifications, refer to the
Supertex website: http://www.supertex.com. For complete liability information on all Supertex products, refer to the most current databook or to the Legal/Disclaimer page on the Supertex website.


Similar Part No. - HV830

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV830 SUTEX-HV830 Datasheet
579Kb / 6P
High Voltage EL Lamp Driver IC
HV830LG SUTEX-HV830LG Datasheet
579Kb / 6P
High Voltage EL Lamp Driver IC
HV830LG-G SUTEX-HV830LG-G Datasheet
579Kb / 6P
High Voltage EL Lamp Driver IC
HV830LG-G SUTEX-HV830LG-G Datasheet
805Kb / 6P
High Voltage EL Lamp Driver IC
HV830 SUTEX-HV830_07 Datasheet
579Kb / 6P
High Voltage EL Lamp Driver IC
More results

Similar Description - HV830

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV823 SUTEX-HV823 Datasheet
391Kb / 8P
High Voltage EL Lamp Driver
HV825 SUTEX-HV825 Datasheet
327Kb / 4P
High Voltage EL Lamp Driver
HV826 SUTEX-HV826 Datasheet
334Kb / 6P
High Voltage EL Lamp Driver
logo
IMP, Inc
IMP528 IMP-IMP528 Datasheet
134Kb / 6P
HIGH-VOLTAGE EL LAMP DRIVER
IMP803 IMP-IMP803 Datasheet
162Kb / 8P
HIGH-VOLTAGE EL LAMP DRIVER
logo
Supertex, Inc
HV803 SUTEX-HV803 Datasheet
80Kb / 8P
High-Voltage EL Lamp Driver
HV8051 SUTEX-HV8051 Datasheet
53Kb / 4P
High-Voltage EL Lamp Driver
HV829A SUTEX-HV829A Datasheet
42Kb / 4P
High Voltage EL Lamp Driver
HV833 SUTEX-HV833_07 Datasheet
812Kb / 10P
High Voltage EL Lamp Driver
HV833 SUTEX-HV833_13 Datasheet
1,009Kb / 8P
High Voltage EL Lamp Driver
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com