Electronic Components Datasheet Search
  English  ▼

X  

HV830 Datasheet(PDF) 3 Page - Supertex, Inc

Part # HV830
Description  High Voltage EL Lamp Driver
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV830 Datasheet(HTML) 3 Page - Supertex, Inc

  HV830 Datasheet HTML 1Page - Supertex, Inc HV830 Datasheet HTML 2Page - Supertex, Inc HV830 Datasheet HTML 3Page - Supertex, Inc HV830 Datasheet HTML 4Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
HV830
Figure 1: Test Circuit, V
IN = 3.0V
Notes:
1. Murata part # LQH4N221K04 (DC resistance < 5.4
Ω)
2. Larger values may be required depending upon supply impedance.
For additional information, see Application Notes AN-H33 and AN-H34.
Enable/Disable Configuration
The HV830 can be easily enabled and disabled via a logic control
signal on the R
SW and REL resistors as shown in Figure 2 below.
The control signal can be from a microprocessor. R
SW and REL
are typically very high values. Therefore, only 10’s of microam-
Figure 2: Enable/Disable Configuration
peres will be drawn from the logic signal when it is at a logic high
(enable) state. When the microprocessor signal is high the
device is enabled and when the signal is low, it is disabled.
Split Supply Configuration Using a Single
Cell (1.5V) Battery
The HV830 can also be used for handheld devices operating
from a single cell 1.5V battery where a regulated voltage is
available. This is shown in Figure 3. The regulated voltage can
be used to run the internal logic of the HV830. The amount of
current necessary to run the internal logic is typically 100
µA
at a VDD of 3.0V. Therefore, the regulated voltage could easily
provide the current without being loaded down. The HV830
used in this configuration can also be enabled/disabled via
logic control signal on the RSW and REL resistors as shown in
Figure 2.
Split Supply Configuration for Battery
Voltages of Higher than 9.5V
Figure 3 can also be used with high battery voltages such as 12V
as long as the input voltage, V
DD, to the HV830 device is within
its specifications of 2.0V to 9.5V.
1
7
2
3
4
8
6
5
VDD = VIN = 3.0V
ON = VDD
OFF = 0V
0.01
µF
200V
0.1
µF2
220
µH1
BAS21LT1
1M
Ω
5.1M
Ω
10 square inch lamp.
HV830
Lx
GND
VB
VA
REL-osc
VDD
RSW-osc
Cs
1nF
1
7
2
3
4
8
6
5
VIN = VDD
ON =VDD
OFF = 0V
CS
200V
4.7
µF
15V
1nF
Lx
BAS21LT1
RSW
REL
EL Lamp
HV830LG
Lx
GND
VB
VA
REL-osc
VDD
RSW-osc
Cs
+
-
Remote
Enable



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com