Electronic Components Datasheet Search
  English  ▼

X  

HV857 Datasheet(PDF) 13 Page - Supertex, Inc

Part # HV857
Description  High Voltage EL Lamp Driver for Low Noise Applications
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV857 Datasheet(HTML) 13 Page - Supertex, Inc

Back Button HV857 Datasheet HTML 6Page - Supertex, Inc HV857 Datasheet HTML 7Page - Supertex, Inc HV857 Datasheet HTML 8Page - Supertex, Inc HV857 Datasheet HTML 9Page - Supertex, Inc HV857 Datasheet HTML 10Page - Supertex, Inc HV857 Datasheet HTML 11Page - Supertex, Inc HV857 Datasheet HTML 12Page - Supertex, Inc HV857 Datasheet HTML 13Page - Supertex, Inc HV857 Datasheet HTML 14Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
13
HV857 Application Note
Circuit Selector Guide for Non Audible Noise Sensitive Applications:1
(Handheld products, PDAs, GPS, 2-way pagers, MP3)
No series resistor is used for the following circuits (R=0Ω). Also see Figure 1 and Table 3.
External components used for Circuits 1 to 9:
The following table provides the value for external components used in Figure 1. The manufacturer and part number for the inductor is
also provided. If other value inductors are used, the circuit will need to be reoptimized.
t
i
u
c
r
i
C
p
m
a
L
e
z
i
S
p
m
a
L
s
s
e
n
t
h
g
i
r
B
e
g
a
t
l
o
V
y
l
p
p
u
S
x
L
y
l
p
p
u
S
t
n
e
r
r
u
C
t
u
p
t
u
O
e
g
a
t
l
o
V
p
m
a
L
y
c
n
e
u
q
e
r
F
m
l
-
t
fm
/
d
C
2
V
D
D
V
N
I
3n
i
3
.
1
2
8
3
.
90
1
.
2
3V
3
.
3V
3
.
3A
m
9
.
2
1p
-
p
V
0
8
1z
H
7
5
3
4n
i
7
.
1
2
4
4
.
4
8
4
.
4
2
.
5
1
1
3
.
5
1
V
0
.
3
V
2
.
3
V
2
.
4
A
m
4
.
7
A
m
7
.
5
p
-
p
V
2
8
1
p
-
p
V
6
8
1
z
H
0
6
1
5n
i
7
.
1
2
0
.
2
1
2
.
3
1
6
.
1
4
3
.
5
4
V
0
.
3
V
2
.
3
V
2
.
4
A
m
7
.
3
2
A
m
9
.
0
2
p
-
p
V
8
6
1
p
-
p
V
8
7
1
z
H
5
7
4
6n
i
3
9
.
0
2
4
7
.
71
5
.
6
2V
0
.
3V
0
.
3A
m
3
.
8p
-
p
V
5
7
1z
H
0
5
2
7n
i
1
.
3
2
4
8
.
77
8
.
6
2V
0
.
5V
0
.
5A
m
9
.
7
1p
-
p
V
4
8
1z
H
0
5
2
8n
i
0
.
4
2
0
5
.
77
.
5
2V
0
.
3V
0
.
3A
m
8
.
5
2p
-
p
V
0
6
1z
H
0
5
2
9n
i
2
.
5
2
7
7
.
44
3
.
6
1V
3
.
3V
3
.
3A
m
2
.
1
2p
-
p
V
8
6
1z
H
0
6
1
t
i
u
c
r
i
C
r
o
t
c
u
d
n
I
x
L
R
C
S
O
-
W
S
R
C
S
O
-
L
E
C
S
r
o
t
i
c
a
p
a
C
e
u
l
a
V
,
r
e
r
u
t
c
a
f
u
n
a
M
.
o
N
.
t
r
a
P
e
u
l
a
Ve
p
y
T
1H
µ
0
2
2
,
a
t
a
R
u
M
1
2
K
1
2
2
N
C
2
3
H
Q
L
K
0
6
5M
0
.
2F
n
3
.
3O
P
N
2H
µ
0
2
2
a
t
a
R
u
M
1
2
K
1
2
2
N
C
2
3
H
Q
L
K
0
6
5M
0
.
2F
n
3
.
3O
P
N
3H
µ
0
2
2
,
a
t
a
R
u
M
1
2
K
1
2
2
N
C
2
3
H
Q
L
K
0
6
5M
5
.
1F
n
3
.
3O
P
N
4H
µ
0
2
2
,
a
t
a
R
u
M
1
2
K
1
2
2
N
C
2
3
H
Q
L
K
0
3
3M
3
.
3F
n
3
.
3O
P
N
5H
µ
0
2
2
,
a
t
a
R
u
M
1
2
K
1
2
2
N
C
2
3
H
Q
L
K
0
6
5M
0
.
1F
n
3
.
3O
P
N
6H
µ
0
2
2
,
a
t
a
R
u
M
1
2
K
1
2
2
N
C
2
3
H
Q
L
K
0
6
5M
0
.
2F
n
3
.
3O
P
N
7H
µ
0
2
2
,
a
t
a
R
u
M
1
2
K
1
2
2
N
C
2
3
H
Q
L
K
0
6
5M
0
.
2F
n
3
.
3O
P
N
8H
µ
0
2
2
,
a
t
a
R
u
M
1
0
K
1
2
2
N
M
3
4
H
Q
L
K
0
6
5M
0
.
2F
n
3
.
3O
P
N
9H
µ
0
2
2
,
a
t
a
R
u
M
1
0
K
1
2
2
N
M
3
4
H
Q
L
K
0
6
5M
3
.
3F
n
3
.
3O
P
N
Note: 1. All values are nominal. Lamp brightness and current draw can vary by type and manufacturer.
Table 2
Table 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com