Electronic Components Datasheet Search
  English  ▼

X  

HV857 Datasheet(PDF) 4 Page - Supertex, Inc

Part # HV857
Description  High Voltage EL Lamp Driver for Low Noise Applications
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV857 Datasheet(HTML) 4 Page - Supertex, Inc

  HV857 Datasheet HTML 1Page - Supertex, Inc HV857 Datasheet HTML 2Page - Supertex, Inc HV857 Datasheet HTML 3Page - Supertex, Inc HV857 Datasheet HTML 4Page - Supertex, Inc HV857 Datasheet HTML 5Page - Supertex, Inc HV857 Datasheet HTML 6Page - Supertex, Inc HV857 Datasheet HTML 7Page - Supertex, Inc HV857 Datasheet HTML 8Page - Supertex, Inc HV857 Datasheet HTML 9Page - Supertex, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
4
HV857
Iin, Vcs, Brightness vs Inductor Value
0
10
20
30
40
50
60
70
80
90
100
100
200
300
400
500
600
Inductor Value (µH)
0
1
2
3
4
5
6
7
Iin
Brightness
Vcs
Iin vs Vin
13
15
17
19
21
23
25
1.5
2.5
3.5
4.5
5.5
Vin (V)
Typical Performance Curves for Figure 1 (EL Lamp=3.0in2, V
DD=3.0V)
Brightness vs Vin
1
2
3
4
5
6
7
1.5
2.5
3.5
4.5
5.5
Vin (V)
Iin vs Vcs
14
16
18
20
22
24
55
65
75
85
95
Vcs (V)
Vcs vs Vin
55
65
75
85
95
1.5
2.5
3.5
4.5
5.5
Vin (V)
150
250
350
450
550
lin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com