Electronic Components Datasheet Search
  English  ▼

X  

HV9105 Datasheet(PDF) 2 Page - Supertex, Inc

Part # HV9105
Description  High-Voltage Switchmode Controllers with MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV9105 Datasheet(HTML) 2 Page - Supertex, Inc

  HV9105 Datasheet HTML 1Page - Supertex, Inc HV9105 Datasheet HTML 2Page - Supertex, Inc HV9105 Datasheet HTML 3Page - Supertex, Inc HV9105 Datasheet HTML 4Page - Supertex, Inc HV9105 Datasheet HTML 5Page - Supertex, Inc HV9105 Datasheet HTML 6Page - Supertex, Inc HV9105 Datasheet HTML 7Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
HV9105/HV9108
Electrical Characteristics
(V
DD = 10V, +VIN = 48V, Discharge = -VIN = 0V, RBIAS = 820KΩ, ROSC = 910KΩ,TA = 25°C, unless otherwise specified)
Symbol Parameters
Min
Typ
Max
Unit
Conditions
Reference
V
REF
Output Voltage
3.92
4.00
4.08
V
R
L = 10MΩ
ZOUT
Output Impedance1
15
30
45
K
Ω
I
SHORT
Short Circuit Current
100
130
µAV
REF = -VIN
∆V
REF
Change in V
REF with Temperature
0.25
mV/
°C
Oscillator
f
MAX
Maximum Oscillator Frequency
1.0
3.0
MHz
R
OSC = 0Ω
fOSC
Initial Accuracy2
32
40
48
KHz
Voltage Stability1
15
%
9.5V < V
DD < 13.5V
Temperature Coefficient1
170
ppm/
°C
PWM
D
MAX
Maximum Duty Cycle1
HV9105
49.0
49.4
49.6
%
HV9108
99.0
99.4
99.6
Deadtime1
HV9108
100
nsec
D
MIN
Minimum Duty Cycle
0
%
Minimum Pulse Width
110
175
nsec
Before Pulse Drops Out1
Error Amplifier
V
FB
Feedback Voltage
3.96
4.00
4.04
V
V
FB Shorted to Comp
I
IN
Input Bias Current
25
500
nA
V
FB = 4.0V
VOS
Input Offset Voltage
nulled at trim
mV
A
VOL
Open Loop Voltage Gain1
60
80
dB
gbw
Unity Gain Bandwidth1
0.5
0.8
MHz
ZOUT
Output Impedance1
See Fig. 2
Ω
I
SOURCE
Output Source Current
-1.3
-1.0
mA
V
FB = 3.4V
I
SINK
Output Sink Current
50
80
µAV
FB = 4.5V
PSRR
Power Supply Rejection1
See Fig. 1
Pre-Regulator/Startup
+V
IN
Allowable Input Voltage
120
V
I
IN = 10µA
Input Leakage Current
10
µAV
DD > 9.4V
V
TH
V
DD Pre-regulator Turn-off
7.8
8.6
9.4
V
I
PREREG = 10µA
Threshold Voltage
V
LOCK
Undervoltage Lockout
7.0
8.1
8.9
V
R
L = 100Ω from Drain to VDD
Current Limit
V
SOURCE
Threshold Voltage
1.0
1.2
1.4
V
V
FB = 0V, RL = 100Ω
td
Delay to Output1
150
200
ns
VSOURCE = 1.5V, RL = 100Ω
Notes:
1. Guaranteed by design. Not subject to production test.
2. Stray capacitance on OSC IN pin
≤5pF.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com