Electronic Components Datasheet Search
  English  ▼

X  

HV9105 Datasheet(PDF) 3 Page - Supertex, Inc

Part # HV9105
Description  High-Voltage Switchmode Controllers with MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV9105 Datasheet(HTML) 3 Page - Supertex, Inc

  HV9105 Datasheet HTML 1Page - Supertex, Inc HV9105 Datasheet HTML 2Page - Supertex, Inc HV9105 Datasheet HTML 3Page - Supertex, Inc HV9105 Datasheet HTML 4Page - Supertex, Inc HV9105 Datasheet HTML 5Page - Supertex, Inc HV9105 Datasheet HTML 6Page - Supertex, Inc HV9105 Datasheet HTML 7Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
HV9105/HV9108
Supply
IDD
Supply Current
0.6
mA
0.35
mA
Shutdown = -V
IN
I
BIAS
Bias Current
7.5
µA
VDD
Operating Range
9.0
13.5
V
Logic
tSD
Shutdown Delay Time1
50
100
ns
VSOURCE = -VIN
t
SW
Shutdown Pulse Width1
50
ns
t
RW
RESET Pulse Width1
50
ns
tLW
Latching Pulse Width1
25
ns
V
IL
Input Low Voltage
2.0
V
V
IH
Input High Voltage
7.0
V
IIH
Input High Current
1.0
5.0
µAV
IN = 10V
I
IL
Input Low Current
-25
-35
µAV
IN = 0V
MOSFET Switch
BV
DSS
Breakdown Voltage
200
240
V
V
SOURCE = Shutdown = 0V,
I
D = 100µA
RDS(ON)
Drain-to-Source On-resistance
3.5
5.0
Ω
VSOURCE = 0V, ID = 100mA
I
DSS
OFF State Drain Leakage Current
10
µAV
SOURCE = Shutdown = 0V,
VDRAIN = 100V
C
DS
Drain Capacitance
35
pF
V
DS = 25V, Shutdown = 0V
Electrical Characteristics (Continued)
(V
DD = 10V, +VIN = 48V, Discharge = -VIN = 0V, RBIAS = 820KΩ, ROSC = 910KΩ,TA = 25°C, unless otherwise specified)
Symbol Parameters
Min
Typ
Max
Unit
Conditions
Truth Table
Shutdown
Reset
Output
H
H
Normal Operation
HH
→ L
Normal Operation, No Change
L
H
Off, Not Latched
L
L
Off, Latched
L
→ H
L
Off, Latched, No Change
Note:
1. Guaranteed by design. Not subject to production test.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com